Electronic Components Datasheet Search
  English  ▼

X  

WLRCL Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # WLRCL
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 29Page - Omron Electronics LLC WLRCL Datasheet HTML 30Page - Omron Electronics LLC WLRCL Datasheet HTML 31Page - Omron Electronics LLC WLRCL Datasheet HTML 32Page - Omron Electronics LLC WLRCL Datasheet HTML 33Page - Omron Electronics LLC WLRCL Datasheet HTML 34Page - Omron Electronics LLC WLRCL Datasheet HTML 35Page - Omron Electronics LLC WLRCL Datasheet HTML 36Page - Omron Electronics LLC WLRCL Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
WL-N/WLM-N
33
Switches with Roller Lever Actuators
Basic, High-sensitivity, and Protective Switches
Note: 1. Unless otherwise indicated, a tolerance of
±0.4 mm applies to all dimensions.
Note: The actuator on the WLCAL4-N and WLCAL5-N is heavy, which may result in resetting problems depending on the direction the Switch is
mounted. Mount the Switch so that the actuator is facing downwards to prevent this problem from occurring.
*1. The operating characteristics for WLCL-N, WLCL-2-N, WLCL-2N-N, and WLGL-N are measured at the lever length of 140 mm.
*2. The operating characteristics of WLCAL4-N are measured at a rod length of 380 mm.
Model
Operating characteristics
WLCL-N *1
WLCL-2-N *1
WLCL-2N-N *1
WLGL-N *1
WLCAL4-N *2
WLCAL5-N
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
min.
max.
1.39 N
0.27 N
15
±5°
70
°
12
°
1.39 N
0.27 N
25
±5°
60
°
16
°
1.39 N
0.27 N
20
° max.
70
°
10
°
2.84 N
0.25 N
10
°
80
°
7
°
0.98 N
0.15 N
15
±5°
70
°
12
°
0.9 N
0.09 N
15
±5°
70
°
12
°
Model
Operating characteristics
WLCA32-41 to 44-N
Force necessary to reverse the direction of the lever
Movement until the lever reverses
Movement until switch operation
Movement after switch operation
max.
max.
min.
11.77 N
50
±5°
55
°
35
°
9
(4.9)
(15.1)
40±0.7
30.2±0.2
Three, M4
Two, M3.5
M8
Allen-head
set screw
M5
Allen-head
set screw
JIS B 0202 G½
Four, 5.2 dia.
holes
3±0.2 dia.
(length:160) *
58.7±0.2
5
Adjustable range:
25 to 140
14.7
* Stainless steel rod
55 max.
41.5±1.5
46±1.5
68.7
42 max.
21.6
29.2±1.2
Four, M6
Depth: 15 min.
25.4
25.4
12.7
13.1
Adjustable rod lever 25 to 140 mm
Basic
WLCL-N
WLCL-2-N
WLCL-2N-N
High-sensitivity
WLGL-N
Only the external appearance of the set position
indicator plate varies on high-sensitivity models.
8
(4.9)
(15.1)
40±0.7
30.2±0.2
Three, M4
Four, 5.2 dia.
holes
5
12.8
65
* Stainless steel rod
3.2 dia. *
14.7
58.7±0.2
41.5±1.5
JIS B 0202 G½
M5
Allen-head
set screw
68.7
42 max.
21.6
29.2±1.2
25.4
25.4
54.5±1.5
67 max.
13.1
12.7
Four, M6
Depth: 15 min.
Adjustable range:
350 to 380
Adjustable rod lever
Basic
WLCAL4-N
67max.
(4.9)
(15.1)
40±0.7
30.2±0.2
Three, M4
5
* Piano wire
65
11
2.3 dia. *
14.7
58.7±0.2
428.5±2
Four, 5.2
dia. holes
41.5±1.5
Four, M6
Depth: 15 min.
JIS B 0202 G½
M5
Allen-head
bolt
68.7
21.6
29.2±1.2
25.4
25.4
54.5±1.5
12.7
13.1
42 max.
7.5
Rod spring lever
Basic
WLCAL5-N
13.1
12.7
21.6
62.5 max.
56.4±3.5
42.8±3.5
Two, M3.5
Three, M4
Four, 5.2 dia.
holes
Two, 17.5×7 dia. *
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
(125)
14.7
Four, M6
Depth: 15 min.
JIS B 0202 G½
4-M6
M5 Allen-head
set screw
29.2±1.2
42 max.
68.7
34.1
25.4
* Plastic Roller
(The WLCA32-041-N to WLCA32-044-N have stainless steel rollers.)
90°±3°
R38
Fork lever lock
Protective Switches
WLCA32-41-N
WLCA32-42-N
WLCA32-43-N
WLCA32-44-N
The WLCA32-41-N is shown in the following
diagram.
+2°
−1°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com