Electronic Components Datasheet Search
  English  ▼

X  

WLRCL Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # WLRCL
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 30Page - Omron Electronics LLC WLRCL Datasheet HTML 31Page - Omron Electronics LLC WLRCL Datasheet HTML 32Page - Omron Electronics LLC WLRCL Datasheet HTML 33Page - Omron Electronics LLC WLRCL Datasheet HTML 34Page - Omron Electronics LLC WLRCL Datasheet HTML 35Page - Omron Electronics LLC WLRCL Datasheet HTML 36Page - Omron Electronics LLC WLRCL Datasheet HTML 37Page - Omron Electronics LLC WLRCL Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
WL-N/WLM-N
34
Switches with Plunger Actuators
Basic Switches
Note: Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Model
Operating characteristics
WLD18-N
WLD28-N
WLD38-N
WLSD-N
WLSD2-N
WLSD3-N
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
26.67 N
8.92 N
1.7 mm
6.4 mm
1 mm
16.67 N
4.41 N
1.7 mm
5.6 mm
1 mm
16.67 N
4.41 N
1.7 mm
5.6 mm
1 mm
40.03 N
8.89 N
2.8 mm
6.4 mm
1 mm
40.03 N
8.89 N
2.8 mm
5.6 mm
1 mm
40.03 N
8.89 N
2.8 mm
4 mm
1 mm
Operating position
Total travel position
OP
TTP
max.
34±0.8 mm
29.5 mm
44±0.8 mm
39.5 mm
44.5±0.8 mm
41 mm
40.6±0.8 mm
—
54.2±0.8 mm
—
54.1±0.8 mm
—
PT
13.1
12.9
21.6
* Stainless steel plunger
Three, M4
Four, 5.2 dia. holes
R1 *
Two, M3.5
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
10 dia.
OP
JIS B 0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
Sealed Top Plunger
WLD18-N
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
13.1
12.7
21.6
JIS B 0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
27.5
46.6±0.8
OP
PT
*
1. Stainless steel plunger
*
2. Cosmetic nuts
25 dia. *2
Two, M3.5
17.8
(96.2)
25.4
R1
9.3 dia. *1
Horizontal Plunger
WLSD-N
PT
Three, M4
Four, 5.2 dia. holes
Two, M3.5
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
OP
13.1
12.9
21.6
JIS B 0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
*
Stainless sintered roller
14.3 dia.×5 *
Sealed Top-roller Plunger
WLD28-N
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
13.1
12.7
21.6
JIS B 0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
55.7±0.8
*
1. Stainless sintered roller
*
2. Cosmetic nuts
25 dia. *2
Two, M3.5
17.8
(96.2)
25.4
PT
OP
17 dia.×4.6 *1
27.5
Horizontal-roller Plunger
WLSD2-N
PT
Three, M4
Four, 5.2 dia. holes
Two, M3.5
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
OP
13.1
12.9
21.6
JIS B0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
*
Stainless steel ball
1/2" dia. *
15.5 dia.
Sealed Top-ball Plunger
WLD38-N
Three, M4
Four, 5.2 dia. holes
30.2±0.2
40±0.7
(4.9)
5
58.7±0.2
(15.1)
13.1
12.7
21.6
JIS B0202 G½
Four, M6
Depth: 15 min
29.2±1.2
42 max.
68.7
46.6±0.8
*
1. Stainless steel ball
*
2. Cosmetic nuts
25 dia. *2
Two, M3.5
17.8
(96.2)
25.4
PT
OP
15.5 dia.
1/2" dia. *1
27.5
Horizontal-ball Plunger
WLSD3-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com