Electronic Components Datasheet Search
  English  ▼

X  

LT1763 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1763
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1763 Datasheet HTML 10Page - Linear Technology LT1763 Datasheet HTML 11Page - Linear Technology LT1763 Datasheet HTML 12Page - Linear Technology LT1763 Datasheet HTML 13Page - Linear Technology LT1763 Datasheet HTML 14Page - Linear Technology LT1763 Datasheet HTML 15Page - Linear Technology LT1763 Datasheet HTML 16Page - Linear Technology LT1763 Datasheet HTML 17Page - Linear Technology LT1763 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
14
1083ffe
For more information www.linear.com/LT1083
T Package
3-Lead Plastic TO-220
(LTC DWG # 05-08-1420)
package DescripTion
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
.100
(2.540)
BSC
.028 – .038
(0.711 – 0.965)
T3 (TO-220) 0801
.045 – .055
(1.143 – 1.397)
.165 – .180
(4.191 – 4.572)
.095 – .115
(2.413 – 2.921)
.013 – .023
(0.330 – 0.584)
.520 – .570
(13.208 – 14.478)
.980 – 1.070
(24.892 – 27.178)
.218 – .252
(5.537 – 6.401)
.050
(1.270)
TYP
.147 – .155
(3.734 – 3.937)
DIA
.390 – .415
(9.906 – 10.541)
.330 – .370
(8.382 – 9.398)
.460 – .500
(11.684 – 12.700)
.570 – .620
(14.478 – 15.748)
.230 – .270
(5.842 – 6.858)
T Package
3-Lead Plastic TO-220
(Reference LTC DWG # 05-08-1420)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com