Electronic Components Datasheet Search
  English  ▼

X  

LT1763 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1763
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 5 Page - Linear Technology

  LT1763 Datasheet HTML 1Page - Linear Technology LT1763 Datasheet HTML 2Page - Linear Technology LT1763 Datasheet HTML 3Page - Linear Technology LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
5
1083ffe
For more information www.linear.com/LT1083
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
LT1084-3.3
IOUT = 0mA, TJ = 25°C, VIN = 8V (K Package Only)
4.8V ≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULL_LOAD (Notes 3, 4, 9)
l
3.270
3.235
3.300
3.300
3.330
3.365
V
V
LT1085-3.3
VIN = 5V, IOUT = 0mA, TJ = 25°C (K Package Only)
4.8V ≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULL_LOAD (Notes 3, 4, 9)
l
3.270
3.235
3.300
3.300
3.330
3.365
V
V
LT1085-3.6
VIN = 5V, IOUT = 0mA, TJ = 25°C (K Package Only)
5V ≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULL_LOAD (Note 9)
5V ≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULL_LOAD, TJ ≥ 0°C (Notes 3, 4, 9)
l
3.564
3.500
3.528
3.600
3.636
3.672
3.672
V
V
V
LT1085-3.6
5V ≤ VIN ≤ 15V, 0 ≤ IOUT ≤ 2.5A (Notes 3, 4, 9)
VIN = 4.75V, IOUT = 3A, TJ ≥ 0°C
VIN = 4.75V, IOUT = 2.5A, TJ ≥ 0°C
VIN = 4.75V, IOUT = 1.5A, TJ > 0°C
l
3.528
3.350
3.450
3.528
3.672
3.672
3.672
3.672
V
V
V
V
LT1083/4/5-5
IOUT = 0mA, TJ = 25°C, VIN = 8V (K Package Only)
0 ≤ IOUT ≤ IFULL_LOAD, 6.5V ≤ VIN ≤ 20V (Notes 4, 6, 7, 9)
4.950
4.900
5.000
5.000
5.050
5.100
V
V
LT1083/4/5-12
IOUT = 0mA, TJ = 25°C, VIN = 15V (K Package Only)
0 ≤ IOUT ≤ IFULL_LOAD, 13.5V ≤ VIN ≤ 25V (Notes 4, 6, 7, 9)
11.880
11.760
12.000
12.000
12.120
12.240
V
V
Line Regulation
LT1084-3.3
IOUT = 0mA, TJ = 25°C, 4.8V ≤ VIN ≤ 15V
l
0.5
1.0
6
6
mV
mV
LT1085-3.3
4.8V ≤ VIN ≤ 15V, IOUT = 0mA, TJ= 25°C
l
0.5
1.0
6
6
mV
mV
LT1085-3.6
4.8V ≤ VIN ≤ 15V, IOUT = 0mA, TJ= 25°C
l
0.5
1.0
6
6
mV
mV
LT1083/4/5-5
IOUT = 0mA, TJ = 25°C, 6.5V ≤ VIN ≤ 20V (Notes 2, 3)
l
0.5
1.0
10
10
mV
mV
LT1083/4/5-12
IOUT = 0mA, TJ = 25°C, 13.5V ≤ VIN ≤ 25V (Notes 2, 3)
l
1.0
2.0
25
25
mV
mV
Load Regulation
LT1084-3.3
VIN = 5V, 0 ≤ IOUT ≤ 5A, TJ = 25°C
l
3
7
15
20
mV
mV
LT1085-3.3
VIN = 5V, 0 ≤ IOUT ≤ 3A, TJ = 25°C
l
3
7
15
20
mV
mV
LT1085-3.6
VIN = 5.25V, 0 ≤ IOUT ≤ 3A, TJ = 25°C
l
3
7
15
20
mV
mV
LT1083/4/5-5
VIN = 8V, 0 ≤ IOUT ≤ IFULL_LOAD, TJ = 25°C (Notes 2, 3, 4, 6)
l
5
10
20
35
mV
mV
LT1083/4/5-12
VIN = 15V, 0 ≤ IOUT ≤ IFULL_LOAD, TJ = 25°C (Notes 2, 3, 4, 6)
l
12
24
36
72
mV
mV
Dropout Voltage
LT1084/5-3.3
∆VOUT = 33mV, IOUT = IFULL_LOAD (Notes 5, 6)
l
1.3
1.5
V
LT1085-3.6
∆VOUT = 36mV, IOUT = IFULL_LOAD (Notes 5, 6)
l
1.3
1.5
V
LT1083/4/5-5
∆VOUT = 50mV, IOUT = IFULL_LOAD (Notes 5, 6)
l
1.3
1.5
V
LT1083/4/5-12
∆VOUT = 120mV, IOUT = IFULL_LOAD (Notes 5, 6)
l
1.3
1.5
V
Current Limit
LT1083-5
VIN = 10V
l
8.0
9.5
A
LT1083-12
VIN = 17V
l
8.0
9.5
A
LT1084-3.3
VIN = 8V
l
5.5
6.5
A
LT1084-5
VIN = 10V
l
5.5
6.5
A
LT1084-12
VIN = 17V
l
5.5
6.5
A
LT1085-3.3/3.6
VIN = 8V
l
3.2
4.0
A
LT1085-5
VIN = 10V
l
3.2
4.0
A
LT1085-12
VIN = 17V
l
3.2
4.0
A
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com