Electronic Components Datasheet Search
  English  ▼

X  

LT1763 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1763
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 3 Page - Linear Technology

  LT1763 Datasheet HTML 1Page - Linear Technology LT1763 Datasheet HTML 2Page - Linear Technology LT1763 Datasheet HTML 3Page - Linear Technology LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
3
1083ffe
For more information www.linear.com/LT1083
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1083CP-5#PBF
NA
LT1083CP-5
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1083CP-12#PBF
NA
LT1083CP-12
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1084CP-5#PBF
NA
LT1084CP-5
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1084CP-12#PBF
NA
LT1084CP-12
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
OBSOLETE PACKAGE
LT1084CT-3.3#PBF
NA
LT1084CT-3.3
3-Lead Plastic TO-220
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1084CT-5#PBF
NA
LT1084CT-5
3-Lead Plastic TO-220
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1084CT-12#PBF
NA
LT1084CT-12
3-Lead Plastic TO-220
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1085CT-3.3#PBF
NA
LT1085CT-3.3
3-Lead Plastic TO-220
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1085CT-3.6#PBF
NA
LT1085CT-3.6
3-Lead Plastic TO-220
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1085CT-5#PBF
NA
LT1085CT-5
3-Lead Plastic TO-220
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1085CT-12#PBF
NA
LT1085-12
3-Lead Plastic TO-220
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1085CM-3.3#PBF
LT1085CM-3.3#TRPBF
LT1085CM-3.3
3-Lead Plastic DD
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1085CM-3.6#PBF
LT1085CM-3.6#TRPBF
LT1085CM-3.6
3-Lead Plastic DD
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1085IM-3.6#PBF
LT1085IM-3.6#TRPBF
LT1085IM-3.6
3-Lead Plastic DD
Control: –40°C to 125°C
Power: –40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1083CP-5
NA
LT1083CP-5
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1083CP-12
NA
LT1083CP-12
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1084CP-5
NA
LT1084CP-5
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1084CP-12
NA
LT1084CP-12
3-Lead Plastic TO-3P
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1083CK-5
NA
LT1083CK-5
2-Lead TO-3 Metal Can
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1083CK-12
NA
LT1083CK-12
2-Lead TO-3 Metal Can
Control: 0°C to 125°C
Power: 0°C to 150°C
LT1083MK-5
NA
LT1083MK-5
2-Lead TO-3 Metal Can
Control: –55°C to 150°C
Power: –55°C to 200°C
LT1083MK-12
NA
LT1083MK-12
2-Lead TO-3 Metal Can
Control: –55°C to 150°C
Power: –55°C to 200°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com