Electronic Components Datasheet Search
  English  ▼

X  

LM4952 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4952
Description  3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4952 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4952 Datasheet HTML 2Page - National Semiconductor (TI) LM4952 Datasheet HTML 3Page - National Semiconductor (TI) LM4952 Datasheet HTML 4Page - National Semiconductor (TI) LM4952 Datasheet HTML 5Page - National Semiconductor (TI) LM4952 Datasheet HTML 6Page - National Semiconductor (TI) LM4952 Datasheet HTML 7Page - National Semiconductor (TI) LM4952 Datasheet HTML 8Page - National Semiconductor (TI) LM4952 Datasheet HTML 9Page - National Semiconductor (TI) LM4952 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Typical Performance Characteristics A
V = 20dB and TA = 25˚C, unless otherwise noted.
(Continued)
Output Power vs Power Supply Voltage
Output Power vs Power Supply Voltage
20080909
R
L =4
Ω,f
IN = 1kHz
both channels driven and loaded (average shown),
at (from top to bottom at 12V):
THD+N = 10%, THD+N = 1%
20080910
R
L =8
Ω,f
IN = 1kHz
both channels driven and loaded (average shown),
at (from top to bottom at 12V):
THD+N = 10%, THD+N = 1%
Power Supply Rejection vs Frequency
Total Power Dissipation vs Load Dissipation
200809F7
V
DD = 12V, RL =4
Ω,
V
RIPPLE = 200mVp-p
20080913
V
DD = 12V, fIN = 1kHz,
at (from top to bottom at 1W):
R
L =4
Ω,R
L =8
Ω
Output Power vs Load Resistance
Channel-to-Channel Crosstalk vs Frequency
20080914
V
DD = 12V, fIN = 1kHz,
at (from top to bottom at 15
Ω):
THD+N = 10%, THD+N = 1%
20080915
V
DD = 12V, RL =4
Ω,P
OUT = 1W, Input Referred
at (from top to bottom at 1kHz): V
INB driven,
V
OUTA measured, VINA driven, VOUTB measured
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com