Electronic Components Datasheet Search
  English  ▼

X  

LM4952 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4952
Description  3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4952 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4952 Datasheet HTML 8Page - National Semiconductor (TI) LM4952 Datasheet HTML 9Page - National Semiconductor (TI) LM4952 Datasheet HTML 10Page - National Semiconductor (TI) LM4952 Datasheet HTML 11Page - National Semiconductor (TI) LM4952 Datasheet HTML 12Page - National Semiconductor (TI) LM4952 Datasheet HTML 13Page - National Semiconductor (TI) LM4952 Datasheet HTML 14Page - National Semiconductor (TI) LM4952 Datasheet HTML 15Page - National Semiconductor (TI) LM4952 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application Information
HIGH VOLTAGE BOOMER WITH INCREASED OUTPUT
POWER
Unlike previous 5V Boomer® amplifiers, the LM4952 is de-
signed to operate over a power supply voltages range of
9.6V to 16V. Operating on a 12V power supply, the LM4952
will deliver 3.8W into a 4
Ω SE load with no more than 10%
THD+N.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier. Equation (2)
states the maximum power dissipation point for a single-
ended amplifier operating at a given supply voltage and
driving a specified output load.
P
DMAX-SE =(VDD)
2 / (2
π2R
L):
Single Ended
(1)
The LM4952’s dissipation is twice the value given by Equa-
tion (2) when driving two SE loads. For a 12V supply and two
4
Ω SE loads, the LM4952’s dissipation is 1.82W.
The maximum power dissipation point given by Equation (1)
must not exceed the power dissipation given by Equation
(2):
P
DMAX’= (TJMAX -TA) /
θ
JA
(2)
The LM4952’s T
JMAX = 150˚C. In the TS package, the
LM4952’s
θ
JA is 20˚C/W when the metal tab is soldered to a
copper plane of at least 16in
2. This plane can be split be-
tween the top and bottom layers of a two-sided PCB. Con-
nect the two layers together under the tab with a 5x5 array of
vias. At any given ambient temperature T
A, use Equation (2)
to find the maximum internal power dissipation supported by
the IC packaging. Rearranging Equation (2) and substituting
P
DMAX for PDMAX’ results in Equation (3). This equation gives
the maximum ambient temperature that still allows maximum
stereo power dissipation without violating the LM4952’s
maximum junction temperature.
T
A =TJMAX -PDMAX-SE
θ
JA
(3)
For a typical application with a 12V power supply and an SE
4
Ω load, the maximum ambient temperature that allows
maximum stereo power dissipation without exceeding the
maximum junction temperature is approximately 77˚C for the
TS package.
T
JMAX =PDMAX-MONOBTL
θ
JA +TA
(4)
Equation (4) gives the maximum junction temperature
T
JMAX. If the result violates the LM4952’s 150˚C, reduce the
maximum junction temperature by reducing the power sup-
ply voltage or increasing the load resistance. Further allow-
ance should be made for increased ambient temperatures.
The above examples assume that a device is operating
around the maximum power dissipation point. Since internal
200809E8
FIGURE 2. Typical LM4952 SE Application Circuit
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com