Electronic Components Datasheet Search
  English  ▼

X  

LM4952 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4952
Description  3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4952 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4952 Datasheet HTML 1Page - National Semiconductor (TI) LM4952 Datasheet HTML 2Page - National Semiconductor (TI) LM4952 Datasheet HTML 3Page - National Semiconductor (TI) LM4952 Datasheet HTML 4Page - National Semiconductor (TI) LM4952 Datasheet HTML 5Page - National Semiconductor (TI) LM4952 Datasheet HTML 6Page - National Semiconductor (TI) LM4952 Datasheet HTML 7Page - National Semiconductor (TI) LM4952 Datasheet HTML 8Page - National Semiconductor (TI) LM4952 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4952
3.1W Stereo-SE Audio Power Amplifier
with DC Volume Control
General Description
The LM4952 is a dual audio power amplifier primarily de-
signed for demanding applications in flat panel monitors and
TV’s. It is capable of delivering 3.1 watts per channel to a 4
Ω
single-ended load with less than 1% THD+N when powered
by a 12V
DC power supply.
Eliminating external feedback resistors, an internal, DC-
controlled, volume control allows easy and variable gain
adjustment.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4952 does not require boot-
strap capacitors or snubber circuits. Therefore, it is ideally
suited for display applications requiring high power and mini-
mal size.
The LM4952 features a low-power consumption active-low
shutdown mode. Additionally, the LM4952 features an inter-
nal thermal shutdown protection mechanism along with short
circuit protection.
The LM4952 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
Key Specifications
j Quiscent Power Supply Current
18mA (typ)
j POUT
V
DD = 12V, RL =4
Ω, 10% THD+N
3.8W (typ)
j Shutdown current
55µA (typ)
Features
n
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
n
Low current, active-low shutdown mode
n
Low quiescent current
n
Stereo 3.8W output, R
L =4
Ω
n
DC-controlled volume control
n
Short circuit protection
Applications
n
Flat Panel Monitors
n
Flat panel TV’s
n
Computer Sound Cards
Connection Diagram
200809E9
Top View
Order Number LM4952TS
See NS Package Number TS9A
U = Wafer Fab Code
Z = Assembly Plant Code
XY = Date Coce
TT = Die Traceability
L4952TS = LM4952TS
Boomer® is a registered trademark of National Semiconductor Corporation.
August 2004
© 2004 National Semiconductor Corporation
DS200809
www.national.com


Similar Part No. - LM4952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4952 TI-LM4952 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952 TI2-LM4952 Datasheet
769Kb / 27P
LM4952 Boomer™ Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
REVISED MAY 2013
LM4952TS/NOPB TI-LM4952TS/NOPB Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952TS/NOPB TI2-LM4952TS/NOPB Datasheet
769Kb / 27P
LM4952 Boomer™ Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
REVISED MAY 2013
LM4952TS/NOPB.A TI2-LM4952TS/NOPB.A Datasheet
769Kb / 27P
LM4952 Boomer™ Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
REVISED MAY 2013
More results

Similar Description - LM4952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
Stereo 1.5W Audio Power Amplifier with DC Volume Control
logo
SamHop Microelectronics...
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Texas Instruments
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com