Electronic Components Datasheet Search
  English  ▼

X  

RF2L15200CB4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RF2L15200CB4
Description  200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L15200CB4 Datasheet(HTML) 5 Page - STMicroelectronics

  RF2L15200CB4 Datasheet HTML 1Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 2Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 3Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 4Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 5Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 6Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 7Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 8Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Table 7. Output power, power gain and drain efficiency vs input power (f= 860 MHz, pulsed CW)
PIN (dBm)
POUT (dBm)
POUT (W)
IDS (A)
GPS (dB)
ƞD (%)
42.0
34.2
16.0
2.6
18.8
21.7
43.3
34.9
21.6
3.1
19.1
25.1
44.7
35.6
29.5
3.6
19.5
29.4
46.0
36.2
39.5
4.2
19.7
33.8
47.2
36.8
52.5
4.8
20.0
38.9
48.7
37.6
73.5
5.7
20.2
46.0
49.9
38.2
96.6
6.6
20.4
52.7
51.0
38.8
126.3
7.5
20.5
60.1
52.0
39.3
158.5
8.5
20.3
66.8
52.5
39.6
179.8
9.1
19.7
70.6
52.8
39.8
190.6
9.6
18.9
71.1
52.9
40.0
195.7
10.1
17.9
69.2
53.0
40.1
197.8
10.3
17.4
68.3
Figure 2. Power gain and drain efficiency versus output power (f = 860 MHz, pulsed CW)
GADG160320200938SA
GADG250620201120SA
Output power (W)
η
D
GPS
0
15
30
45
60
75
90
16
17
18
19
20
21
22
0
20
40
60
80
100
120
140
160
180
200
220
Note:
VDD= 28 V, IDQ= 100 mA pulsed CW; pulse width = 100 μs, duty cycle = 10%.
RF2L15200CB4
Typical performances
DS13389 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com