Electronic Components Datasheet Search
  English  ▼

X  

RF2L15200CB4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L15200CB4
Description  200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L15200CB4 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L15200CB4 Datasheet HTML 1Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 2Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 3Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 4Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 5Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 6Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 7Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 8Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Typical performances
Table 6. Output power, power gain and drain efficiency vs input power (f= 860 MHz, CW)
PIN (dBm)
POUT (dBm)
POUT (W)
IDS (A)
GPS (dB)
ƞD (%)
22.9
41.9
15.6
2.5
19.0
22.1
24.0
43.3
21.2
3.0
19.3
25.7
25.0
44.6
28.5
3.4
19.6
29.7
26.0
45.8
38.1
4.0
19.8
34.2
27.0
47.1
50.8
4.6
20.1
39.4
28.1
48.4
69.3
5.4
20.3
45.9
29.2
49.6
91.7
6.2
20.4
52.7
30.2
50.7
118.6
7.1
20.5
59.6
31.4
51.8
150.3
8.1
20.4
66.5
32.5
52.4
174.8
8.8
19.9
70.9
33.6
52.8
189.5
9.3
19.1
73.0
34.7
53.0
197.4
9.8
18.2
72.3
35.3
53.0
199.1
9.9
17.7
72.0
35.8
53.0
199.4
9.9
17.2
72.2
Figure 1. Power gain and drain efficiency versus output power (f = 860 MHz, CW)
GADG160320200938SA
GADG250620201026SA
0
15
30
45
60
75
90
16
17
18
19
20
21
22
0
20
40
60
80
100
120
140
160
180
200
220
Output power (W)
η
D
GPS
Note:
VDD = 50 V, IDQ =100 mA.
RF2L15200CB4
Typical performances
DS13389 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com