Electronic Components Datasheet Search
  English  ▼

X  

RF2L15200CB4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RF2L15200CB4
Description  200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L15200CB4 Datasheet(HTML) 1 Page - STMicroelectronics

  RF2L15200CB4 Datasheet HTML 1Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 2Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 3Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 4Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 5Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 6Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 7Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 8Page - STMicroelectronics RF2L15200CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LBB
1
2
3
4
5
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
RF2L15200CB4
860 MHz
28 V
200 W
17.5 dB
72%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Large positive and negative gate-source voltage range for improved class C
operation
•
Excellent thermal stability, low HCI drift
•
In compliance with the european directive 2002/95/EC
Applications
•
Broadband commercial communications
•
TV broadcast
•
Avioncs
•
Industrial
Description
The RF2L15200CB4 is a 200 W LDMOS FET, designed for wideband communication
and ISM applications with frequencies from HF to 1.5 GHz. It can be used in class
AB, B or C for all typical modulation formats.
Product status link
RF2L15200CB4
Product summary
Order code
RF2L15200CB4
Marking
2L15200
Package
LBB
Packing
Tape and reel 13"
Base/bulk quantity
100/100
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
RF2L15200CB4
Datasheet
DS13389 - Rev 2 - April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RF2L15200CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
20-Apr-2021
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
21-Apr-2021
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
More results

Similar Description - RF2L15200CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST9045C STMICROELECTRONICS-ST9045C Datasheet
320Kb / 13P
RF Power LDMOS transistor HF up to 1.5 GHz
16-Mar-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com