Electronic Components Datasheet Search
  English  ▼

X  

RF4L10700CB4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RF4L10700CB4
Description  700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF4L10700CB4 Datasheet(HTML) 5 Page - STMicroelectronics

  RF4L10700CB4 Datasheet HTML 1Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 2Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 3Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 4Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 5Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 6Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 7Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 8Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
Test circuits
Figure 2. Test circuit layout
GADG120520210908GT
Table 6. Components list
Component
Value
Size
Reference
C1, C2, C3, C4, C5
56 pF
ATC800B
C6, C7
47 pF
ATC800B
C8
1 pF
0805
ATC800B
C9
18 pF (3x)
ATC800B
C10, C11
10 μF
1210
Ceramic multilayer capacitor
C11, C12
1000 μF
50V electrolytic capacitor
L1
0.5 turns
Φ 1 mm varnished wire
R1, R2, R3
10 Ω
0603
chip resistor
PCB
Taconic RF-60TC 25 mils
RF4L10700CB4
Test circuits
DS13741 - Rev 2
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com