Electronic Components Datasheet Search
  English  ▼

X  

RF4L10700CB4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF4L10700CB4
Description  700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF4L10700CB4 Datasheet(HTML) 4 Page - STMicroelectronics

  RF4L10700CB4 Datasheet HTML 1Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 2Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 3Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 4Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 5Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 6Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 7Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 8Page - STMicroelectronics RF4L10700CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
Typical performances
Figure 1. Power gain and drain efficiency vs output power
15
25
35
45
55
65
75
85
13
14
15
16
17
18
19
20
48
49
50
51
52
53
54
55
56
57
58
59
60
GADG220920210951GT
POUT (dbm)
910 MHz
915 MHz
920 MHz
GPS
ηD
Note:
VDD = 40 V, IDQ = 40 V, pulse width = 100 μs, duty cycle = 10%.
RF4L10700CB4
Typical performances
DS13741 - Rev 2
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com