Electronic Components Datasheet Search
  English  ▼

X  

RF5L05500CB4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RF5L05500CB4
Description  500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L05500CB4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RF5L05500CB4 Datasheet HTML 2Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 3Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 4Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 5Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 6Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 7Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 8Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 9Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Table 7. Components list
Component
Value
Reference
C1, C2, C13, C20
100 pF
DLC70B
C3, C4, C5, C6, C7,C8, C15, C16, C21
1000 pF
DLC70B
C9, C10, C11, C12
56 pF
DLC70B
C14
20 pF
DLC70B
C17, C18, C22
10 μF
100 V/10UF
C19
1000 μF
63V/1000UF
C19
5.6 pF
DLC70B
R1, R2
470 Ω
R3, R4
15 Ω
0805 chip resistor
L1
ɸ 0.5,8
Circle enameled wire
T1
50 Ω, 60 mm
SF-086-1.5
T2
25 Ω, 6,0 mm
SFF-25-1.5
T3, T4
25 Ω, 200 mm
SFF-25-1.5
T5
50 Ω, 160 mm
SF-086-1.5
PCB
0.762 mm (0.030'') thick, ɛr = 3.48, Rogers RO4350B, 1 oz. copper
RF5L05500CB4
Test circuits
DS13379 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com