Electronic Components Datasheet Search
  English  ▼

X  

RF5L05500CB4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RF5L05500CB4
Description  500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L05500CB4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RF5L05500CB4 Datasheet HTML 4Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 5Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 6Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 7Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 8Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 9Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 10Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 11Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Table 8. LBB mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
28.82
28.95
29.08
B
22.73
22.86
22.99
C
16.87
17.00
17.13
E
5.32
5.45
5.58
F
1.01
1.14
1.27
H
5.72
5.85
5.98
I
5.72
5.85
5.98
L
17.65
17.78
17.91
M
1.02
1.15
1.28
N
0.10
P
4.72
4.85
4.98
Q
16.38
16.51
16.64
R
1.37
1.50
1.63
S
1.97
2.10
2.23
T
6.60
CH1
2.72
CH2
1.02
R1
1.65
R2
0.50
RF5L05500CB4
LBB package information
DS13379 - Rev 2
page 8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com