Electronic Components Datasheet Search
  English  ▼

X  

RF5L05500CB4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF5L05500CB4
Description  500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L05500CB4 Datasheet(HTML) 4 Page - STMicroelectronics

  RF5L05500CB4 Datasheet HTML 1Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 2Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 3Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 4Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 5Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 6Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 7Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 8Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Typical performances
Table 6. Output power, power gain and drain efficiency vs input power (f=108 MHz)
PIN (dBm)
POUT (dBm)
POUT (W)
IDS (A)
GPS (dB)
ƞD (%)
28.6
50.2
103.5
5.7
21.6
36.3
29.6
51.5
140.7
6.8
21.9
41.1
30.6
52.6
180.7
8.0
22.0
45.4
31.6
53.4
220.4
9.2
21.8
47.9
32.6
54.3
267.9
10.5
21.7
51.1
33.6
55.0
319.6
11.7
21.5
54.5
34.5
55.7
374.9
12.9
21.2
58.1
35.4
56.3
425.1
13.9
20.8
61.3
36.3
56.7
465.4
14.6
2.4
63.6
37.2
57.0
505.3
15.3
19.8
66.0
37.7
57.2
524.2
15.6
19.5
67.1
38.1
57.3
540.4
15.9
19.2
68.1
38.5
57.4
555.3
16.1
18.9
69.0
Figure 1. Power gain and drain efficiency versus output power (f = 108 MHz)
20
30
40
50
60
70
80
17
18
19
20
21
22
23
50
100
150
200
250
300
350
400
450
500
550
600
650
GADG300920211437GT
POUT (dbm)
GPS
ηD
Note:
VDD= 50 V, IDQ= 100 mA, pulsed CW, pulse width=100 μs, duty cycle=10%.
RF5L05500CB4
Typical performances
DS13379 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com