Electronic Components Datasheet Search
  English  ▼

X  

RF5L15030CB2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RF5L15030CB2
Description  30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L15030CB2 Datasheet(HTML) 5 Page - STMicroelectronics

  RF5L15030CB2 Datasheet HTML 1Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 2Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 3Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 4Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 5Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 6Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 7Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 8Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4
Test circuits
Figure 3. Test circuit layout
GADG290120211257GT
Table 6. Components list
Component
Value
Size
Reference
C1, C2, C3, C4
39 pF
0805
ATC600F
C5, C6, C7
8.2 pF
0805
ATC600F
C8
6.8 pF
0805
ATC600F
C9
10 nF
1210
C10, C11
10 μF
1210
X7R
C12
1000 μF
Aluminium electrolytic capacitor
R1
15 Ω
0805
PCB
0.762 mm (0.030'') thick, ɛr = 3.48, Rogers RO4350B, 1 oz. copper
RF5L15030CB2
Test circuits
DS13641 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com