Electronic Components Datasheet Search
  English  ▼

X  

RF5L15030CB2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF5L15030CB2
Description  30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L15030CB2 Datasheet(HTML) 4 Page - STMicroelectronics

  RF5L15030CB2 Datasheet HTML 1Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 2Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 3Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 4Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 5Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 6Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 7Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 8Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Typical performances
Figure 1. Power gain and drain efficiency versus output power (f = 1 GHz)
0
10
20
30
40
50
60
70
80
16
17
18
19
20
21
22
23
24
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
POUT (dbm)
GPS
ηD
GADG290120211524GT
Note:
VDD = 50 V, IDQ = 0.1 A, pulsed CW, pulse width = 100 μs, duty cycle = 10%.
Figure 2. Power gain and drain efficiency versus output power at different IDQ (f = 1 GHz)
0
10
20
30
40
50
60
70
80
16
17
18
19
20
21
22
23
24
26
28
30
32
34
36
38
40
42
44
46
48
50
GPS
IDQ = 15 mA
IDQ = 200 mA
IDQ = 150 mA
IDQ = 100 mA
POUT (dbm)
GADG290120211556GT
ηD
Note:
VDD = 50 V, pulsed CW, pulse width = 100 μs, duty cycle = 10%.
RF5L15030CB2
Typical performances
DS13641 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com