Electronic Components Datasheet Search
  English  ▼

X  

RF5L15030CB2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RF5L15030CB2
Description  30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L15030CB2 Datasheet(HTML) 1 Page - STMicroelectronics

  RF5L15030CB2 Datasheet HTML 1Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 2Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 3Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 4Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 5Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 6Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 7Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 8Page - STMicroelectronics RF5L15030CB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GXB
3
1
2
Pin connection
Pin
Connection
1
Drain
2
Source (bottom side)
3
Gate
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
RF5L15030CB2
1 GHz
50 V
30 W
23.5 dB
50%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Large positive and negative gate-source voltage range for improved class C
operation
•
In compliance with the European directive 2002/95/EC
Applications
•
Industrial, scientific and medical from HF to 1.5 GHz
•
FM and TV broadcast
•
HV/VHF ground communications
•
Avionics and L-band radar
•
Wideband communications
Description
The RF5L15030CB2 is a 30 W, 50 V, LDMOS FET designed for applications in the
frequency range from HF to 1.5 GHz. It can be used in class AB, B or C for all typical
modulation formats.
Product status link
RF5L15030CB2
Product summary
Order code
RF5L15030CB2
Marking
5L15030
Package
GXB
Packing
Tape and reel 13"
Base/bulk quantity
180/180
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15030CB2
Datasheet
DS13641 - Rev 2 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RF5L15030CB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
More results

Similar Description - RF5L15030CB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST9045C STMICROELECTRONICS-ST9045C Datasheet
320Kb / 13P
RF Power LDMOS transistor HF up to 1.5 GHz
16-Mar-2018
ST9060C STMICROELECTRONICS-ST9060C Datasheet
301Kb / 12P
RF Power LDMOS transistor HF up to 1.5 GHz
30-Mar-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com