Electronic Components Datasheet Search
  English  ▼

X  

ST50V10200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST50V10200
Description  RF power LDMOS transistor for frequencies up to 1.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST50V10200 Datasheet(HTML) 1 Page - STMicroelectronics

  ST50V10200 Datasheet HTML 1Page - STMicroelectronics ST50V10200 Datasheet HTML 2Page - STMicroelectronics ST50V10200 Datasheet HTML 3Page - STMicroelectronics ST50V10200 Datasheet HTML 4Page - STMicroelectronics ST50V10200 Datasheet HTML 5Page - STMicroelectronics ST50V10200 Datasheet HTML 6Page - STMicroelectronics ST50V10200 Datasheet HTML 7Page - STMicroelectronics ST50V10200 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
M246
1-2 Drain
4-5 Gate
3 Source
1
2
5
4
3
Features
Order code
FREQ
VDD
POUT (typ.)
Gain
ND
ST50V10200
1000 MHz
50 V
200 W
18 dB
60%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Large positive and negative gate/source voltage range
•
In compliance with the European Directive 2002/95/EC
Applications
•
Broadband communications
•
Industrial, scientific and medical (ISM)
•
Avionics
Description
The ST50V10200 is a common-source N-channel enhancement-mode lateral field-
effect RF power transistor designed for broadband commercial, avionics and
industrial applications at frequencies up to 1.5 GHz. It can be used in A/AB and C
classes for all typical modulation formats.
Product status link
ST50V10200
Product summary
Order code
ST50V10200
Marking
ST50V10200 ES
Package
M246
Packing
TBD
RF power LDMOS transistor for frequencies up to 1.5 GHz
ST50V10200
Datasheet
DS12765 - Rev 2 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST50V10200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
RF Power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
More results

Similar Description - ST50V10200

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090E TRIQUINT-AGR18090E Datasheet
356Kb / 9P
90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18125E TRIQUINT-AGR18125E Datasheet
382Kb / 6P
125 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF4L15400CB4 STMICROELECTRONICS-RF4L15400CB4 Datasheet
1Mb / 13P
400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
RF Power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST9045C STMICROELECTRONICS-ST9045C Datasheet
320Kb / 13P
RF Power LDMOS transistor HF up to 1.5 GHz
16-Mar-2018
ST9060C STMICROELECTRONICS-ST9060C Datasheet
301Kb / 12P
RF Power LDMOS transistor HF up to 1.5 GHz
30-Mar-2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com