Electronic Components Datasheet Search
  English  ▼

X  

ST50V10200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST50V10200
Description  RF power LDMOS transistor for frequencies up to 1.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST50V10200 Datasheet(HTML) 4 Page - STMicroelectronics

  ST50V10200 Datasheet HTML 1Page - STMicroelectronics ST50V10200 Datasheet HTML 2Page - STMicroelectronics ST50V10200 Datasheet HTML 3Page - STMicroelectronics ST50V10200 Datasheet HTML 4Page - STMicroelectronics ST50V10200 Datasheet HTML 5Page - STMicroelectronics ST50V10200 Datasheet HTML 6Page - STMicroelectronics ST50V10200 Datasheet HTML 7Page - STMicroelectronics ST50V10200 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
0.230 x 0.650 WIDE 4/L BAL N/HERM W/FLG M246 package information
Figure 1. 0.230 x 0.650 WIDE 4/L BAL N/HERM W/FLG M246 package outline
ACTIVE
7145054_5
ST50V10200
Package information
DS12765 - Rev 2
page 4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com