Electronic Components Datasheet Search
  English  ▼

X  

ST50V10200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST50V10200
Description  RF power LDMOS transistor for frequencies up to 1.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST50V10200 Datasheet(HTML) 3 Page - STMicroelectronics

  ST50V10200 Datasheet HTML 1Page - STMicroelectronics ST50V10200 Datasheet HTML 2Page - STMicroelectronics ST50V10200 Datasheet HTML 3Page - STMicroelectronics ST50V10200 Datasheet HTML 4Page - STMicroelectronics ST50V10200 Datasheet HTML 5Page - STMicroelectronics ST50V10200 Datasheet HTML 6Page - STMicroelectronics ST50V10200 Datasheet HTML 7Page - STMicroelectronics ST50V10200 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. Static (per side)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 100 µA
110
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 50 V
1
μA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = 6 V
1
μA
VGS(th)
Gate threshold voltage
VDS = 28 V, ID = 600 μA
1
TBD
3
V
VDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 5 A
1.4
V
CISS
Common source input capacitance
VGS = 0 V, VDD = 50 V,
FREQ = 1 MHz
118
pF
CRSS
Common source feedback
capacitance
2
pF
COSS
Common source output
capacitance
44
pF
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
VDD = 50 V, IDQ = 0.2 A,
FREQ = 1000 MHz,
-
225
-
W
Gain
Power gain
-
17.5
-
dB
Efficiency
Drain efficiency
-
60
-
%
IMD3
3rd order intermodulation
-
TBD
-
dBc
VSWR
Load mismatch
POUT = 200 W, all phases
-
10:1
-
Table 6. Impedance data
Frequency (in MHz)
Input impedance (ZIN)
Drain load impedance (ZDL)
2
TBD
TBD
5
TBD
TBD
10
TBD
TBD
30
TBD
TBD
60
TBD
TBD
100
TBD
TBD
200
TBD
TBD
ST50V10200
Electrical characteristics
DS12765 - Rev 2
page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com