Electronic Components Datasheet Search
  English  ▼

X  

DS25MB200 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS25MB200
Description  Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS25MB200 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS25MB200 Datasheet HTML 1Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pin Descriptions
Pin Name
Pin
Number
I/O
Description
LINE SIDE HIGH SPEED DIFFERENTIAL IO’s
LI_0+
LI_0−
6
7
I
Inverting and non-inverting differential inputs of port_0 at the line side. LI_0+ and LI_0−
have an internal 50
Ω connected to an internal reference voltage.
LO_0+
LO_0−
33
34
O
Inverting and non-inverting differential outputs of port_0 at the line side. LO_0+ and LO_0−
have an internal 50
Ω connected to V
CC.
LI_1+
LI_1−
30
31
I
Inverting and non-inverting differential inputs of port_1 at the line side. LI_1+ and LI_1−
have an internal 50
Ω connected to an internal reference voltage.
LO_1+
LO_1−
9
10
O
Inverting and non-inverting differential outputs of port_1 at the line side. LO_1+ and LO_1−
have an internal 50
Ω connected to V
CC.
SWITCH SIDE HIGH SPEED DIFFERENTIAL IO’s
SOA_0+
SOA_0−
46
45
O
Inverting and non-inverting differential outputs of mux_0 at the switch_A side. SOA_0+ and
SOA_0− have an internal 50
Ω connected to V
CC.
SOB_0+
SOB_0−
4
3
O
Inverting and non-inverting differential outputs of mux_0 at the switch_B side. SOB_0+ and
SOB_0− have an internal 50
Ω connected to V
CC.
SIA_0+
SIA_0−
40
39
I
Inverting and non-inverting differential inputs to the mux_0 at the switch_A side. SIA_0+
and SIA_0− have an internal 50
Ω connected to an internal reference voltage.
SIB_0+
SIB_0−
43
42
I
Inverting and non-inverting differential inputs to the mux_0 at the switch_B side. SIB_0+
and SIB_0− have an internal 50
Ω connected to an internal reference voltage.
SOA_1+
SOA_1−
22
21
O
Inverting and non-inverting differential outputs of mux_1 at the switch_A side. SOA_1+ and
SOA_1− have an internal 50
Ω connected to V
CC.
SOB_1+
SOB_1−
28
27
O
Inverting and non-inverting differential outputs of mux_1 at the switch_B side. SOB_1+ and
SOB_1− have an internal 50
Ω connected to V
CC.
SIA_1+
SIA_1−
16
15
I
Inverting and non-inverting differential inputs to the mux_1 at the switch_A side. SIA_1+
and SIA_1− have an internal 50
Ω connected to an internal reference voltage.
SIB_1+
SIB_1−
19
18
I
Inverting and non-inverting differential inputs to the mux_1 at the switch_B side. SIB_1+
and SIB_1− have an internal 50
Ω connected to an internal reference voltage.
CONTROL (3.3V LVCMOS)
MUX_S0
37
I
A logic low at MUX_S0 selects mux_0 to switch B. MUX_S0 is internally pulled high.
Default state for mux_0 is switch A.
MUX_S1
13
A logic low at MUX_S1 selects mux_1 to switch B. MUX_S0 is internally pulled high.
Default state for mux_1 is switch A.
PREL_0
PREL_1
12
1
I
PREL_0 and PREL_1 select the output pre-emphasis of the line side drivers (LO_0± and
LO_1±). PREL_0 and PREL_1 are internally pulled high. See Table 3 for line side
pre-emphasis levels.
PRES_0
PRES_1
36
25
I
PRES_0 and PRES_1 select the output pre-emphasis of the switch side drivers (SOA_0±,
SOB_0±, SOA_1± and SOB_1±). PRES_0 and PRES_1 are internally pulled high. See
Table 4 for switch side pre-emphasis levels.
LB0A
47
I
A logic low at LB0A enables the internal loopback path from SIA_0± to SOA_0±. LB0A is
internally pulled high.
LB0B
48
I
A logic low at LB0B enables the internal loopback path from SIB_0± to SOB_0±. LB0B is
internally pulled high.
LB1A
23
I
A logic low at LB1A enables the internal loopback path from SIA_1± to SOA_1±. LB1A is
internally pulled high.
LB1B
24
I
A logic low at LB1B enables the internal loopback path from SIB_1± to SOB_1±. LB1B is
internally pulled high.
RSV
26
I
Reserve pin to support factory testing. This pin can be left open, or tied to GND, or tied to
GND through an external pull-down resistor.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com