Electronic Components Datasheet Search
  English  ▼

X  

DS25MB200 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS25MB200
Description  Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS25MB200 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS25MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 9Page - National Semiconductor (TI) DS25MB200 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Functional Description (Continued)
TABLE 3. LINE-SIDE PRE-EMPHASIS CONTROLS
PreL_[1:0]
Pre-Emphasis Level in
mV
PP
(VODB)
De-Emphasis Level
in mV
PP
(VODPE)
Pre-Emphasis in dB
(VODPE/VODB)
Typical FR4 board
trace
0 0
1200
1200
0
10 inches
0 1
1200
849.53
−3
20 inches
1 0
1200
600
−6
30 inches
1 1 (default)
1200
425.78
−9
40 inches
TABLE 4. SWITCH-SIDE PRE-EMPHASIS CONTROLS
PreS_[1:0]
Pre-Emphasis Level in
mV
PP
(VODB)
De-Emphasis Level
in mV
PP
(VODPE)
Pre-Emphasis in dB
(VODPE/VODB)
Typical FR4 board
trace
0 0
1200
1200
0
10 inches
0 1
1200
849.53
−3
20 inches
1 0
1200
600
−6
30 inches
1 1 (default)
1200
425.78
−9
40 inches
20182337
FIGURE 1. Driver Pre-Emphasis Differential Waveform (showing all 4 pre-emphasis steps)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com