Electronic Components Datasheet Search
  English  ▼

X  

A6387D Datasheet(PDF) 6 Page - STMicroelectronics

Part # A6387D
Description  High voltage high- and low-side driver for automotive applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6387D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A6387D Datasheet HTML 2Page - STMicroelectronics A6387D Datasheet HTML 3Page - STMicroelectronics A6387D Datasheet HTML 4Page - STMicroelectronics A6387D Datasheet HTML 5Page - STMicroelectronics A6387D Datasheet HTML 6Page - STMicroelectronics A6387D Datasheet HTML 7Page - STMicroelectronics A6387D Datasheet HTML 8Page - STMicroelectronics A6387D Datasheet HTML 9Page - STMicroelectronics A6387D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
A6387
6/14
DocID023386 Rev 5
3.2
DC operation
VCC = 15 V; TJ = -40 °C ÷ 125 °C, unless otherwise specified
Table 6. DC operation electrical characteristics
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Low supply voltage section
Vcc_thON
3
Vcc UV turn-on threshold
5.5
6
6.3
V
Vcc_thOFF
Vcc UV turn-off threshold
5
5.5
6
V
Vcc_hys
Vcc UV hysteresis
0.3
0.5
0.7
V
Iqccu
Undervoltage quiescent
supply current
Vcc  5 V
150
220
A
Iqcc
Quiescent current
250
320
A
RDSon
Bootstrap driver on
resistance(1)
1. RDS(on) is tested in the following way:
where I1 is pin 8 current when VBOOT = VBOOT1, I2 when VBOOT = VBOOT2.
LVG ON
125
Bootstrapped supply voltage section (2)
2. VBO = Vboot - Vout.
IQBO
8
VBO quiescent current
HVG ON
100
A
ILK
High voltage leakage
current
Vhvg = Vout = Vboot =
550 V
10
A
High/low-side driver
Iso
5, 7
High/low-side source short-
circuit current
VIN = Vih (tp < 10 s) 300
400
mA
Isi
High/low-side sink short-
circuit current
VIN = Vil (tp < 10 s)
450
650
mA
Logic inputs
Vil
1,2
Low level logic threshold
voltage
1.4
V
Vih
High level logic threshold
voltage
3.2
V
Iih
High level logic input
current
VIN = 15 V
8
20
40
µA
Iil
Low level logic input current
VIN = 0 V
1
µA
RDSON
VCC VBOOT1
–

VCC VBOOT2
–

–
I1 VCC,VBOOT1
 I
2 VCC,VBOOT2

–
-----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com