Electronic Components Datasheet Search
  English  ▼

X  

A6387D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6387D
Description  High voltage high- and low-side driver for automotive applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6387D Datasheet(HTML) 1 Page - STMicroelectronics

  A6387D Datasheet HTML 1Page - STMicroelectronics A6387D Datasheet HTML 2Page - STMicroelectronics A6387D Datasheet HTML 3Page - STMicroelectronics A6387D Datasheet HTML 4Page - STMicroelectronics A6387D Datasheet HTML 5Page - STMicroelectronics A6387D Datasheet HTML 6Page - STMicroelectronics A6387D Datasheet HTML 7Page - STMicroelectronics A6387D Datasheet HTML 8Page - STMicroelectronics A6387D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
February 2015
DocID023386 Rev 5
1/14
A6387
High voltage high- and low-side driver for automotive applications
Datasheet
- production data
Features
 High voltage rail up to 550 V
 dV/dt immunity ± 50 V/nsec in full temperature
range
 Driver current capability
– 400 mA source
– 650 mA sink
 Switching times 50/30 nsec rise/fall with 1 nF
load
 CMOS/TTL Schmitt-trigger inputs with
hysteresis and pull down
 Internal bootstrap diode
 Outputs in phase with inputs
 Interlocking function
 AECQ100 automotive qualified
Applications
 Drive inverters for HEV and EV
 HID ballasts, power supply units
 Motion driver for home appliances, factory
automation, industrial drives
Description
The A6387 is a high voltage device,
manufactured with the BCD™ “offline”
technology. It is a single chip half-bridge gate
driver for N-channel Power MOSFETs or IGBTs.
The high-side (floating) section is designed to
stand a voltage rail of up to 550 V. The logic
inputs are CMOS/TTL compatible for easy
interfacing of the microcontroller or DSP.
SO-8
Figure 1. Block diagram
LOGIC
UV
DETECTION
LEVEL
SHIFTER
BOOTSTRAP DRIVER
R
S
V
CC
LVG
DRIVER
V
CC
8
7
6
5
4
HIN
LIN
HVG
DRIVER
HVG
H.V.
TO LOAD
OUT
LVG
GND
D00IN1135
Vboot
3
2
1
Cboot
www.st.com


Similar Part No. - A6387D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
112Kb / 1P
5 TO 1000 MHz CASCADABLE AMPLIFIER
A63 MACOM-A63 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 2000 MHz
logo
Connor-Winfield Corpora...
A63 CONNOR-WINFIELD-A63 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A63 MA-COM-A63 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
ABB
A63-30-00 ABB-A63-30-00 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
More results

Similar Description - A6387D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com