Electronic Components Datasheet Search
  English  ▼

X  

A6387D Datasheet(PDF) 3 Page - STMicroelectronics

Part # A6387D
Description  High voltage high- and low-side driver for automotive applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6387D Datasheet(HTML) 3 Page - STMicroelectronics

  A6387D Datasheet HTML 1Page - STMicroelectronics A6387D Datasheet HTML 2Page - STMicroelectronics A6387D Datasheet HTML 3Page - STMicroelectronics A6387D Datasheet HTML 4Page - STMicroelectronics A6387D Datasheet HTML 5Page - STMicroelectronics A6387D Datasheet HTML 6Page - STMicroelectronics A6387D Datasheet HTML 7Page - STMicroelectronics A6387D Datasheet HTML 8Page - STMicroelectronics A6387D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID023386 Rev 5
3/14
A6387
Electrical data
14
1
Electrical data
1.1
Absolute maximum ratings
1.2
Thermal data
1.3
Recommended operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Vcc
Supply voltage
- 0.3
18
V
Vout
Output voltage
Vboot - 18 Vboot + 0.3
V
Vboot
Bootstrap voltage
- 0.3
568
V
Vhvg
High-side gate output voltage
Vout - 0.3 Vboot + 0.3
V
Vlvg
Low-side gate output voltage
- 0.3
Vcc + 0.3
V
Vi
Logic input voltage
- 0.3
Vcc + 0.3
V
dVout/dt Allowed output slew rate
50
V/ns
Ptot
Total power dissipation (TA = 85 °C)
750
mW
Tj
Junction temperature
150
°C
Tstg
Storage temperature
-50
150
°C
ESD
Human Body Model
2
kV
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction to ambient
150
°C/W
Table 3. Recommended operating conditions
Symbol
Pin
Parameter
Test condition
Min. Max.
Unit
Vcc
3
Supply voltage
6.3
17
V
VBO(1)
1. VBO = Vboot - Vout.
8 - 6 Floating supply voltage
17
V
Vout
7
Output voltage
-6(2)
2. LVG off. VCC = 12 V.
530
V
fsw
Switching frequency
HVG, LVG load CL = 1 nF
400
kHz
Tj
Junction temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com