Electronic Components Datasheet Search
  English  ▼

X  

50N03. Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # 50N03.
Description  N-Channel 30 V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

50N03. Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  50N03. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
Axis Title
V
DS - Drain-to-Source Voltage (V)
(1) V
GS > minimum VGS at which RDS(on) is specified
I
DM limited
Limited by R
DS(on)
(1)
T
C = 25 °C
Single pulse
BVDSS limited
100 ms, 1 s, 10 s, DC
10 ms
1 ms
100 μs
I
D limited
10
100
1000
10000
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Axis Title
Square Wave Pulse Duration (s)
2nd line
0.1
0.05
0.02
Single pulse
Duty Cycle = 0.5
0.2
P
DM
t
1
t
2
t
1
t
2
Notes:
www.VBsemi.com
m
m
m
m
m
m
m
m
m
服务热线:400-655-8788
50N03.
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com