Electronic Components Datasheet Search
  English  ▼

X  

50N03. Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 50N03.
Description  N-Channel 30 V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

50N03. Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  50N03. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel 30 V (D-S) MOSFET
FEATURES
• TrenchFET® power MOSFET
• Package with low thermal resistance
• 100 % Rg and UIS tested
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR4 material).
PRODUCT SUMMARY
VDS (V)
30
RDS(on) () at VGS = 10 V
0.0075
RDS(on) () at VGS = 4.5 V
0.0095
ID (A)
70
Configuration
Single
Package
TO-220AB/ TO-263
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C a
ID
70
A
TC = 125 °C
50
Continuous Source Current (Diode Conduction) a
IS
70
Pulsed Drain Current b
IDM
250
Single Pulse Avalanche Current
L = 0.1 mH
IAS
33
Single Pulse Avalanche Energy
EAS
54
mJ
Maximum Power Dissipation b
TC = 25 °C
PD
71
W
TC = 125 °C
23
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount c
RthJA
50
°C/W
Junction-to-Case (Drain)
RthJC
2.1
TO-263
S
D
G
Top View
TO-220AB
Top View
GD S
www.VBsemi.com
m
m
m
m
m
m
m
m
m
服务热线:400-655-8788
50N03.
1


Similar Part No. - 50N03.

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
50N03 KIA-50N03 Datasheet
61Kb / 3P
50 Amps, 30 Volts N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
50N03 VBSEMI-50N03 Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
50N03-10 VBSEMI-50N03-10 Datasheet
1,018Kb / 8P
N-Channel 30-V (D-S) MOSFET
50N03-12 VBSEMI-50N03-12 Datasheet
1,018Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
50N035 ETC-50N035 Datasheet
34Kb / 2P
N-Channel Field Effect Transistor
More results

Similar Description - 50N03.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com