Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3663
Description  ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3663 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 65Page - Texas Instruments ADC3663 Datasheet HTML 66Page - Texas Instruments ADC3663 Datasheet HTML 67Page - Texas Instruments ADC3663 Datasheet HTML 68Page - Texas Instruments ADC3663 Datasheet HTML 69Page - Texas Instruments ADC3663 Datasheet HTML 70Page - Texas Instruments ADC3663 Datasheet HTML 71Page - Texas Instruments ADC3663 Datasheet HTML 72Page - Texas Instruments ADC3663 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Figure 8-79. Register 0x92
7
6
5
4
3
2
1
0
0
0
0
0
0
0
FORMAT B
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-42. Register 0x92 Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
R/W
0
Must write 0
1
FORMAT B
R/W
0
This bit sets the output data format for channel B. Digital bypass
register bit (0x24, D2) needs to be enabled as well.
0: 2s complement
1: Offset binary
0
0
R/W
0
Must write 0
www.ti.com
ADC3661, ADC3662, ADC3663
SBAS991B – FEBRUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: ADC3661 ADC3662 ADC3663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com