Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3663
Description  ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3663 Datasheet(HTML) 84 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 78Page - Texas Instruments ADC3663 Datasheet HTML 79Page - Texas Instruments ADC3663 Datasheet HTML 80Page - Texas Instruments ADC3663 Datasheet HTML 81Page - Texas Instruments ADC3663 Datasheet HTML 82Page - Texas Instruments ADC3663 Datasheet HTML 83Page - Texas Instruments ADC3663 Datasheet HTML 84Page - Texas Instruments ADC3663 Datasheet HTML 85Page - Texas Instruments ADC3663 Datasheet HTML 86Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
40X (0.2)
40X (0.6)
(
0.2) TYP
VIA
36X (0.4)
(4.8)
(4.8)
(1.325)
(
3.15)
(R0.05)
TYP
(1.325)
WQFN - 0.8 mm max height
RSB0040E
PLASTIC QUAD FLATPACK - NO LEAD
4219096/A 11/2017
SYMM
1
10
11
20
21
30
31
40
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:15X
41
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com