Electronic Components Datasheet Search
  English  ▼

X  

AM6442 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM6442
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM6442 Datasheet HTML 15Page - Texas Instruments AM6442 Datasheet HTML 16Page - Texas Instruments AM6442 Datasheet HTML 17Page - Texas Instruments AM6442 Datasheet HTML 18Page - Texas Instruments AM6442 Datasheet HTML 19Page - Texas Instruments AM6442 Datasheet HTML 20Page - Texas Instruments AM6442 Datasheet HTML 21Page - Texas Instruments AM6442 Datasheet HTML 22Page - Texas Instruments AM6442 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
A2
DDR0_DQ1
DDR0_DQ1
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
B5
DDR0_DQ2
DDR0_DQ2
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
A4
DDR0_DQ3
DDR0_DQ3
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
B3
DDR0_DQ4
DDR0_DQ4
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
C4
DDR0_DQ5
DDR0_DQ5
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
C2
DDR0_DQ6
DDR0_DQ6
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
B4
DDR0_DQ7
DDR0_DQ7
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N5
DDR0_DQ8
DDR0_DQ8
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
L4
DDR0_DQ9
DDR0_DQ9
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
L2
DDR0_DQ10
DDR0_DQ10
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M3
DDR0_DQ11
DDR0_DQ11
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N4
DDR0_DQ12
DDR0_DQ12
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N3
DDR0_DQ13
DDR0_DQ13
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M4
DDR0_DQ14
DDR0_DQ14
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N2
DDR0_DQ15
DDR0_DQ15
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
C1
DDR0_DQS0
DDR0_DQS0
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
B1
DDR0_DQS0_n
DDR0_DQS0_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N1
DDR0_DQS1
DDR0_DQS1
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M1
DDR0_DQS1_n
DDR0_DQS1_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
E5
DDR0_ODT0
DDR0_ODT0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
F5
DDR0_ODT1
DDR0_ODT1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
D5
DDR0_RESET0_n
DDR0_RESET0_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com