Electronic Components Datasheet Search
  English  ▼

X  

AM6442 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AM6442
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM6442 Datasheet HTML 16Page - Texas Instruments AM6442 Datasheet HTML 17Page - Texas Instruments AM6442 Datasheet HTML 18Page - Texas Instruments AM6442 Datasheet HTML 19Page - Texas Instruments AM6442 Datasheet HTML 20Page - Texas Instruments AM6442 Datasheet HTML 21Page - Texas Instruments AM6442 Datasheet HTML 22Page - Texas Instruments AM6442 Datasheet HTML 23Page - Texas Instruments AM6442 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
D18
ECAP0_IN_APWM_OUT
PADCONFIG:
PADCONFIG156
0x000F4270
ECAP0_IN_APWM_OUT
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SYNC0_OUT
1
O
CPTS0_RFT_CLK
2
I
0
CP_GEMAC_CPTS0_RFT_CLK
5
I
0
SPI4_CS3
6
IO
1
GPIO1_68
7
IO
pad
D10
EMU0
PADCONFIG:
MCU_PADCONFIG31
0x0408407C
EMU0
0
IO
1
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
E10
EMU1
PADCONFIG:
MCU_PADCONFIG32
0x04084080
EMU1
0
IO
1
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
MCU_OBSCLK0
15
O
C19
EXTINTn
PADCONFIG:
PADCONFIG158
0x000F4278
EXTINTn
0
I
1
Off / Off / NA
Off / Off / NA
7
1.8 V/3.3 V
VDDSHV0
Yes
I2C OD FS
GPIO1_70
7
IOD
pad
A19
EXT_REFCLK1
PADCONFIG:
PADCONFIG157
0x000F4274
EXT_REFCLK1
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SYNC1_OUT
1
O
SPI2_CS3
2
IO
1
CLKOUT0
5
O
GPIO1_69
7
IO
pad
P16
GPMC0_ADVn_ALE
PADCONFIG:
PADCONFIG33
0x000F4084
GPMC0_ADVn_ALE
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_RX5_CLK
1
I
0
UART5_RXD
2
I
1
EHRPWM_TZn_IN3
3
I
0
TRC_DATA15
6
O
GPIO0_32
7
IO
pad
PRG0_PWM3_TZ_IN
9
I
0
R17
GPMC0_CLK
PADCONFIG:
PADCONFIG31
0x000F407C
GPMC0_CLK
0
O
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_RX4_CLK
1
I
0
UART4_RTSn
2
O
EHRPWM3_SYNCO
3
O
GPMC0_FCLK_MUX
4
O
TRC_DATA14
6
O
GPIO0_31
7
IO
pad
PRG0_PWM3_TZ_OUT
9
O
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com