Electronic Components Datasheet Search
  English  ▼

X  

AM6442 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM6442
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM6442 Datasheet HTML 17Page - Texas Instruments AM6442 Datasheet HTML 18Page - Texas Instruments AM6442 Datasheet HTML 19Page - Texas Instruments AM6442 Datasheet HTML 20Page - Texas Instruments AM6442 Datasheet HTML 21Page - Texas Instruments AM6442 Datasheet HTML 22Page - Texas Instruments AM6442 Datasheet HTML 23Page - Texas Instruments AM6442 Datasheet HTML 24Page - Texas Instruments AM6442 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
N17
GPMC0_DIR
PADCONFIG:
PADCONFIG41
0x000F40A4
GPMC0_DIR
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
EQEP0_B
3
I
0
GPIO0_40
7
IO
pad
EHRPWM6_B
8
IO
0
PRG1_PWM2_B0
9
IO
1
R18
GPMC0_OEn_REn
PADCONFIG:
PADCONFIG34
0x000F4088
GPMC0_OEn_REn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_RX5_D0
1
I
0
UART5_TXD
2
O
EHRPWM4_A
3
IO
0
TRC_DATA16
6
O
GPIO0_33
7
IO
pad
PRG0_PWM3_A1
9
IO
0
T21
GPMC0_WEn
PADCONFIG:
PADCONFIG35
0x000F408C
GPMC0_WEn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_RX5_D1
1
I
0
UART5_RTSn
2
O
EHRPWM4_B
3
IO
0
TRC_DATA17
6
O
GPIO0_34
7
IO
pad
PRG0_PWM3_B1
9
IO
1
N16
GPMC0_WPn
PADCONFIG:
PADCONFIG40
0x000F40A0
GPMC0_WPn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_TX1_CLK
1
O
EQEP0_A
3
I
0
GPMC0_A22
4
OZ
TRC_DATA22
6
O
GPIO0_39
7
IO
pad
EHRPWM6_A
8
IO
0
PRG1_PWM2_A0
9
IO
0
T20
GPMC0_AD0
PADCONFIG:
PADCONFIG15
0x000F403C
GPMC0_AD0
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_RX2_CLK
1
I
0
UART2_RXD
2
I
1
EHRPWM0_SYNCI
3
I
0
TRC_CLK
6
O
GPIO0_15
7
IO
pad
BOOTMODE00
Bootstrap
I
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com