Electronic Components Datasheet Search
  English  ▼

X  

AM654X Datasheet(PDF) 17 Page - Texas Instruments

Part # AM654X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM654X Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM654X Datasheet HTML 13Page - Texas Instruments AM654X Datasheet HTML 14Page - Texas Instruments AM654X Datasheet HTML 15Page - Texas Instruments AM654X Datasheet HTML 16Page - Texas Instruments AM654X Datasheet HTML 17Page - Texas Instruments AM654X Datasheet HTML 18Page - Texas Instruments AM654X Datasheet HTML 19Page - Texas Instruments AM654X Datasheet HTML 20Page - Texas Instruments AM654X Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
F15
DDR_VREF_ZQ
DDR_VREF_ZQ
A
VDDS_DDR
DDR
No
F13
DDR_VTP
DDR_VTP
A
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
No
D21
ECAP0_IN_APWM_OUT
ECAP0_IN_APWM_OUT
0
IO
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
Yes
SYNC0_OUT
1
O
CPTS0_RFT_CLK
2
I
0
GPIO1_86
7
IO
0
AA2
EMU0
EMU0
0
IO
PU
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
1/1
Yes
AA1
EMU1
EMU1
0
IO
PU
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
1/1
Yes
A22
EXT_REFCLK1
EXT_REFCLK1
0
I
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
Yes
SYNC1_OUT
1
O
GPIO1_87
7
IO
0
P25
GPMC0_ADVn_ALE
GPMC0_ADVn_ALE
0
O
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
1/1
Yes
VOUT1_DATA17
1
O
GPIO0_17
7
IO
0
BOOTMODE16
Bootstrap
I
0
R28
GPMC0_CLK
GPMC0_CLK
0
O
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0
0/1
Yes
VOUT1_DATA16
1
O
VIN0_PCLK
2
I
0
GPMC0_FCLK_MUX
3
O
GPIO0_16
7
IO
0
T24
GPMC0_DIR
GPMC0_DIR
0
O
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
Yes
VOUT1_HSYNC
1
O
VIN0_DATA8
2
I
0
PRG2_PWM1_B0
3
IO
1
PRG2_IEP1_EDC_SYNC_OUT0
4
O
TIMER_IO6
5
IO
0
PRG2_IEP0_EDIO_DATA_IN_OUT2
9
6
IO
0
GPIO0_25
7
IO
0
P26
GPMC0_OEn_REn
GPMC0_OEn_REn
0
O
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
1/1
Yes
VOUT1_DATA18
1
O
GPIO0_18
7
IO
0
BOOTMODE17
Bootstrap
I
0
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com