Electronic Components Datasheet Search
  English  ▼

X  

AM654X Datasheet(PDF) 20 Page - Texas Instruments

Part # AM654X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM654X Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM654X Datasheet HTML 16Page - Texas Instruments AM654X Datasheet HTML 17Page - Texas Instruments AM654X Datasheet HTML 18Page - Texas Instruments AM654X Datasheet HTML 19Page - Texas Instruments AM654X Datasheet HTML 20Page - Texas Instruments AM654X Datasheet HTML 21Page - Texas Instruments AM654X Datasheet HTML 22Page - Texas Instruments AM654X Datasheet HTML 23Page - Texas Instruments AM654X Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
P27
GPMC0_AD11
GPMC0_AD11
0
IO
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0
1/1
Yes
VOUT1_DATA11
1
O
VIN0_DATA3
2
I
0
PRG2_PRU0_GPO15
3
IO
0
PRG2_PRU0_GPI15
4
I
0
PRG2_PWM2_A1
5
IO
0
GPIO0_11
7
IO
0
BOOTMODE11
Bootstrap
I
0
N26
GPMC0_AD12
GPMC0_AD12
0
IO
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0
1/1
Yes
VOUT1_DATA12
1
O
VIN0_DATA4
2
I
0
PRG2_PRU1_GPO12
3
IO
0
PRG2_PRU1_GPI12
4
I
0
PRG2_PWM2_B1
5
IO
1
GPIO0_12
7
IO
0
BOOTMODE12
Bootstrap
I
0
N25
GPMC0_AD13
GPMC0_AD13
0
IO
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0
1/1
Yes
VOUT1_DATA13
1
O
VIN0_DATA5
2
I
0
PRG2_PRU1_GPO13
3
IO
0
PRG2_PRU1_GPI13
4
I
0
PRG2_PWM2_A2
5
IO
0
GPIO0_13
7
IO
0
BOOTMODE13
Bootstrap
I
0
P24
GPMC0_AD14
GPMC0_AD14
0
IO
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0
1/1
Yes
VOUT1_DATA14
1
O
VIN0_DATA6
2
I
0
PRG2_PRU1_GPO14
3
IO
0
PRG2_PRU1_GPI14
4
I
0
PRG2_PWM0_TZ_OUT
6
O
GPIO0_14
7
IO
0
BOOTMODE14
Bootstrap
I
0
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com