Electronic Components Datasheet Search
  English  ▼

X  

AM654X Datasheet(PDF) 23 Page - Texas Instruments

Part # AM654X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM654X Datasheet(HTML) 23 Page - Texas Instruments

Back Button AM654X Datasheet HTML 19Page - Texas Instruments AM654X Datasheet HTML 20Page - Texas Instruments AM654X Datasheet HTML 21Page - Texas Instruments AM654X Datasheet HTML 22Page - Texas Instruments AM654X Datasheet HTML 23Page - Texas Instruments AM654X Datasheet HTML 24Page - Texas Instruments AM654X Datasheet HTML 25Page - Texas Instruments AM654X Datasheet HTML 26Page - Texas Instruments AM654X Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
K3
MCU_ADC0_REFP
MCU_ADC0_REFP
A
1.8 V
VDDA_ADC_M
CU
Analog
No
H3
MCU_ADC1_REFN
MCU_ADC1_REFN
A
1.8 V
VDDA_ADC_M
CU
Analog
No
H2
MCU_ADC1_REFP
MCU_ADC1_REFP
A
1.8 V
VDDA_ADC_M
CU
Analog
No
K5
MCU_ADC0_AIN0
MCU_ADC0_AIN0
A
1.8 V
VDDA_ADC_M
CU
Analog
No
J3
MCU_ADC0_AIN1
MCU_ADC0_AIN1
A
1.8 V
VDDA_ADC_M
CU
Analog
No
J1
MCU_ADC0_AIN2
MCU_ADC0_AIN2
A
1.8 V
VDDA_ADC_M
CU
Analog
No
J5
MCU_ADC0_AIN3
MCU_ADC0_AIN3
A
1.8 V
VDDA_ADC_M
CU
Analog
No
K4
MCU_ADC0_AIN4
MCU_ADC0_AIN4
A
1.8 V
VDDA_ADC_M
CU
Analog
No
J4
MCU_ADC0_AIN5
MCU_ADC0_AIN5
A
1.8 V
VDDA_ADC_M
CU
Analog
No
J2
MCU_ADC0_AIN6
MCU_ADC0_AIN6
A
1.8 V
VDDA_ADC_M
CU
Analog
No
J6
MCU_ADC0_AIN7
MCU_ADC0_AIN7
A
1.8 V
VDDA_ADC_M
CU
Analog
No
F4
MCU_ADC1_AIN0
MCU_ADC1_AIN0
A
1.8 V
VDDA_ADC_M
CU
Analog
No
G6
MCU_ADC1_AIN1
MCU_ADC1_AIN1
A
1.8 V
VDDA_ADC_M
CU
Analog
No
G4
MCU_ADC1_AIN2
MCU_ADC1_AIN2
A
1.8 V
VDDA_ADC_M
CU
Analog
No
H5
MCU_ADC1_AIN3
MCU_ADC1_AIN3
A
1.8 V
VDDA_ADC_M
CU
Analog
No
F5
MCU_ADC1_AIN4
MCU_ADC1_AIN4
A
1.8 V
VDDA_ADC_M
CU
Analog
No
G5
MCU_ADC1_AIN5
MCU_ADC1_AIN5
A
1.8 V
VDDA_ADC_M
CU
Analog
No
G3
MCU_ADC1_AIN6
MCU_ADC1_AIN6
A
1.8 V
VDDA_ADC_M
CU
Analog
No
H4
MCU_ADC1_AIN7
MCU_ADC1_AIN7
A
1.8 V
VDDA_ADC_M
CU
Analog
No
V5
MCU_BYP_POR
MCU_BYP_POR
I
OFF
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
No
AD8
MCU_I2C0_SCL
MCU_I2C0_SCL
0
IOD
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
I2C OPEN
DRAIN
1
1/0
Yes
AD7
MCU_I2C0_SDA
MCU_I2C0_SDA
0
IOD
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
I2C OPEN
DRAIN
1
1/0
Yes
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com