Electronic Components Datasheet Search
  English  ▼

X  

AMC22C12 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C12
Description  AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C12 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC22C12 Datasheet HTML 2Page - Texas Instruments AMC22C12 Datasheet HTML 3Page - Texas Instruments AMC22C12 Datasheet HTML 4Page - Texas Instruments AMC22C12 Datasheet HTML 5Page - Texas Instruments AMC22C12 Datasheet HTML 6Page - Texas Instruments AMC22C12 Datasheet HTML 7Page - Texas Instruments AMC22C12 Datasheet HTML 8Page - Texas Instruments AMC22C12 Datasheet HTML 9Page - Texas Instruments AMC22C12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6.6 Insulation Specifications
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
External clearance(1)
Shortest pin-to-pin distance through air
≥ 4
mm
CPG
External creepage(1)
Shortest pin-to-pin distance across the package surface
≥ 4
mm
DTI
Distance through insulation
Minimum internal gap (internal clearance) of the insulation
≥ 15.4
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
≥ 400
V
Material group
According to IEC 60664-1
II
Overvoltage category
per IEC 60664-1
Rated mains voltage ≤ 150 VRMS
I-IV
Rated mains voltage ≤ 300 VRMS
I-III
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak
isolation voltage
At AC voltage
790
VPK
VIOWM
Maximum-rated isolation
working voltage
At AC voltage (sine wave)
560
VRMS
At DC voltage
790
VDC
VIOTM
Maximum transient
isolation voltage
VTEST = VIOTM, t = 60 s (qualification test)
4250
VPK
VTEST = 1.2 × VIOTM, t = 1 s (100% production test)
5100
VIMP
Maximum impulse voltage(3)
Tested in air, 1.2/50-µs waveform per IEC 62368-1
5000
VPK
VIOSM
Maximum surge
isolation voltage(4)
Tested in oil (qualification test),
1.2/50-µs waveform per IEC 62368-1
6500
VPK
qpd
Apparent charge(5)
Method a, after input/output safety test subgroups 2 and 3,
Vini = VIOTM, tini = 60 s, Vpd(m) = 1.2 × VIORM, tm = 10 s
≤ 5
pC
Method a, after environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s, Vpd(m) = 1.3 × VIORM, tm = 10 s
≤ 5
Method b2, at routine test (100% production),
Vini = VIOTM = Vpd(m); tini = tm = 1 s
≤ 5
CIO
Barrier capacitance,
input to output(6)
VIO = 0.5 VPP at 1 MHz
~1.5
pF
RIO
Insulation resistance,
input to output(6)
VIO = 500 V at TA = 25°C
> 1012
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
55/125/21
UL1577
VISO
Withstand isolation voltage
VTEST = VISO = 3000 VRMS or 4250 VDC, t = 60 s (qualification),
VTEST = 1.2 × VISO = 3600 VRMS, t = 1 s (100% production test)
3000
VRMS
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Care must be
taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the
printed circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal in certain cases. Techniques
such as inserting grooves, ribs, or both on a PCB are used to help increase these specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured
by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier are tied together, creating a two-pin device.
AMC22C12-Q1
SBASAJ9A – JUNE 2022 – REVISED AUGUST 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC22C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com