Electronic Components Datasheet Search
  English  ▼

X  

AMC22C12 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C12
Description  AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C12 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC22C12 Datasheet HTML 5Page - Texas Instruments AMC22C12 Datasheet HTML 6Page - Texas Instruments AMC22C12 Datasheet HTML 7Page - Texas Instruments AMC22C12 Datasheet HTML 8Page - Texas Instruments AMC22C12 Datasheet HTML 9Page - Texas Instruments AMC22C12 Datasheet HTML 10Page - Texas Instruments AMC22C12 Datasheet HTML 11Page - Texas Instruments AMC22C12 Datasheet HTML 12Page - Texas Instruments AMC22C12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
6.9 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to 125°C, VDD1 = 3.0 V to 25 V, VDD2 = 2.7 V to 5.5 V, VREF =
20 mV to 2.7 V(1), and VIN = –400 mV to 4 V(3); typical specifications are at TA = 25°C, VDD1 = 5 V, VDD2 = 3.3 V, and VREF
= 250 mV (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD1UV
VDD1 undervoltage detection threshold
VDD1 rising
3
V
VDD1 falling
2.9
VDD1POR VDD1 power-on reset threshold
VDD1 falling
2.3
V
VDD2UV
VDD2 undervoltage detection threshold
VDD2 rising
2.7
V
VDD2 falling
2.1
IDD1
High-side supply current
3.2
4.3
mA
IDD2
Low-side supply current
1.8
2.2
mA
(1)
Reference voltages >1.6 V require VDD1 > VDD1MIN. See the Recommended Operating Conditions table for details.
(2)
The voltage level VREF determines if the device operates as window-comparator with positive and negative thresholds or as simple
comparator with positive thresholds only. See the Reference Input section for more details.
(3)
But not exceeding the maximum input voltage specified in the Recommended Operating Conditions table.
(4)
The typical value is measured at VIN = 0.4 V.
(5)
The typical value is measured at VIN = –400 mV.
www.ti.com
AMC22C12-Q1
SBASAJ9A – JUNE 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC22C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com