Electronic Components Datasheet Search
  English  ▼

X  

AMC22C12 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C12
Description  AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C12 Datasheet(HTML) 1 Page - Texas Instruments

  AMC22C12 Datasheet HTML 1Page - Texas Instruments AMC22C12 Datasheet HTML 2Page - Texas Instruments AMC22C12 Datasheet HTML 3Page - Texas Instruments AMC22C12 Datasheet HTML 4Page - Texas Instruments AMC22C12 Datasheet HTML 5Page - Texas Instruments AMC22C12 Datasheet HTML 6Page - Texas Instruments AMC22C12 Datasheet HTML 7Page - Texas Instruments AMC22C12 Datasheet HTML 8Page - Texas Instruments AMC22C12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator
With Adjustable Threshold and Latch Function
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Wide high-side supply range: 3 V to 25 V
• Low-side supply range: 2.7 V to 5.5 V
• Adjustable threshold:
– Window-comparator mode: ±20 mV to ±300 mV
– Positive-comparator mode: 600 mV to 2.7 V
• Reference for threshold adjustment: 100 μA, ±1%
• Trip threshold error: ±1% (max) at 250 mV
• Open-drain output with optional latch mode
• Propagation delay: 280 ns (typ)
• High CMTI: 55 V/ns (min)
• Safety-related certifications:
– 4250-VPK basic isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 3000-VRMS isolation for 1 minute per UL1577
2 Applications
• Overcurrent or overvoltage detection in:
– HEV/EV charging piles
– HEV/EV onboard chargers (OBC)
– HEV/EV DC/DC converters
– HEV/EV traction inverters
3 Description
The AMC22C12-Q1 is an isolated window comparator
with a short response time. The open-drain
output is separated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. This barrier is certified to provide
galvanic isolation of up to 3 kVRMS according to DIN
EN IEC 60747-17 (VDE 0884-17) and UL1577, and
supports a working voltage of up to 560 VRMS.
The comparison window is centered around 0 V,
meaning that the comparator trips if the absolute
value of the input voltage exceeds the trip threshold
value. The trip threshold is adjustable from 20 mV
to 300 mV through a single external resistor and,
therefore, the comparison window ranges from
±20 mV to ±300 mV. When the voltage on the REF
pin is greater than 550 mV, the negative comparator
is disabled and only the positive comparator is
functional. The reference voltage in this mode can be
as high as 2.7 V. This mode is particularly useful for
monitoring voltage supplies.
The open-drain output on the device supports
transparent mode (LATCH input tied to GND2) where
the output follows the input state, or latch mode,
where the output is cleared on the falling edge of the
latch input signal.
The AMC22C12-Q1 is available in an 8-pin SOIC
package and is specified over the full automotive
temperature range of –40°C to +125°C.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC22C12-Q1
SOIC (8)
4.9 mm × 3.9 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Low-side supply
(2.7..5.5 V)
AMC22C12-Q1
GND1
IN
REF
VDD1
I
High-side supply
(3..27 V)
LDO
GND2
OUT
LATCH
VDD2
from MCU
to MCU
100 A
–
+
Typical Application
AMC22C12-Q1
SBASAJ9A – JUNE 2022 – REVISED AUGUST 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC22C12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 43P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 44P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 46P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12-Q1 TI-AMC22C12-Q1 Datasheet
2Mb / 44P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12-Q1 TI-AMC22C12-Q1 Datasheet
2Mb / 46P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
More results

Similar Description - AMC22C12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 32P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC22C11 TI-AMC22C11 Datasheet
1Mb / 33P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
APRIL 2022
AMC22C12-Q1 TI-AMC22C12-Q1 Datasheet
2Mb / 44P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 43P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C11-Q1 TI-AMC23C11-Q1 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C12-Q1 TI-AMC23C12-Q1_V01 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC22C11 TI-AMC22C11_V01 Datasheet
2Mb / 43P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12_V01 Datasheet
2Mb / 46P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC21C12 TI-AMC21C12 Datasheet
1Mb / 34P
AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com