Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB211DPR Datasheet(PDF) 6 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 2Page - Texas Instruments ISOUSB211DPR Datasheet HTML 3Page - Texas Instruments ISOUSB211DPR Datasheet HTML 4Page - Texas Instruments ISOUSB211DPR Datasheet HTML 5Page - Texas Instruments ISOUSB211DPR Datasheet HTML 6Page - Texas Instruments ISOUSB211DPR Datasheet HTML 7Page - Texas Instruments ISOUSB211DPR Datasheet HTML 8Page - Texas Instruments ISOUSB211DPR Datasheet HTML 9Page - Texas Instruments ISOUSB211DPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
ISOUSB211
UNIT
DP (SSOP)
28 PINS
RΘJA
Junction-to-ambient thermal resistance
44.2
°C/W
RΘJC(top)
Junction-to-case (top) thermal resistance
13.9
°C/W
RΘJB
Junction-to-board thermal resistance
19.0
°C/W
ψJT
Junction-to-top characterization parameter
3.3
°C/W
ψJB
Junction-to-board characterization parameter
18.4
°C/W
RΘJC(bot)
Junction-to-case (bottom) thermal resistance
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISOUSB211
PD
Maximum power dissipation (both sides)
VBUS1 = VBUS2 = VCC1 = VCC2 = 5.5 V,
TJ = 150°C, RL = 50 Ω each on DD-
and DD+ to GNDx, input a 240-MHz 50%
duty cycle adifferential 0 to 400mV swing
signal on UD- and UD+
1210
mW
PD1
Maximum power dissipation (side-1)
VBUS1 = VBUS2 = VCC1 = VCC2 = 5.5 V,
TJ = 150°C, RL = 50 Ω each on DD-
and DD+ to GNDx, input a 240-MHz 50%
duty cycle adifferential 0 to 400mV swing
signal on UD- and UD+
605
mW
PD2
Maximum power dissipation (side-2)
VBUS1 = VBUS2 = VCC1 = VCC2 = 5.5 V,
TJ = 150°C, RL = 50 Ω each on DD-
and DD+ to GNDx, input a 240-MHz 50%
duty cycle adifferential 0 to 400mV swing
signal on UD- and UD+
605
mW
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com