Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB211DPR Datasheet(PDF) 7 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 3Page - Texas Instruments ISOUSB211DPR Datasheet HTML 4Page - Texas Instruments ISOUSB211DPR Datasheet HTML 5Page - Texas Instruments ISOUSB211DPR Datasheet HTML 6Page - Texas Instruments ISOUSB211DPR Datasheet HTML 7Page - Texas Instruments ISOUSB211DPR Datasheet HTML 8Page - Texas Instruments ISOUSB211DPR Datasheet HTML 9Page - Texas Instruments ISOUSB211DPR Datasheet HTML 10Page - Texas Instruments ISOUSB211DPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
SPECIFIC
ATIONS
UNIT
DP-28
IEC 60664-1
CLR
External clearance(1)
Side 1 to side 2 distance through air
>8
mm
CPG
External Creepage(1)
Side 1 to side 2 distance across package surface
>8
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>21
µm
CTI
Comparative tracking index
IEC 60112; UL 746A
>600
V
Material Group
According to IEC 60664-1
I
Overvoltage category
Rated mains voltage ≤ 600 VRMS
I-IV
Rated mains voltage ≤ 1000 VRMS
I-III
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
2121
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave); time-dependent dielectric
breakdown (TDDB) test;
1500
VRMS
DC voltage
2121
VDC
VIOTM
Maximum transient isolation voltage, ISOUSB211
VTEST = VIOTM, t = 60 s (qualification); VTEST = 1.2 ×
VIOTM, t = 1 s (100% production)
7071
VPK
Maximum transient isolation voltage, ISOUSB211B
4242
VPK
VIMP
Maximum impulse voltage, ISOUSB211(3)
Tested in air, 1.2/50-us waveform per IEC 62368-1
9800
VPK
Maximum impulse voltage, ISOUSB211B(3)
4615
VPK
VIOSM
Maximum surge isolation voltage, ISOUSB211(4)
Tested in oil (qualification test), 1.2/50-μs waveform
per IEC 62368-1
12800
VPK
Maximum surge isolation voltage, ISOUSB211B(4)
6000
VPK
qpd
Apparent charge(5)
Method a: After I/O safety test subgroup 2/3, Vini =
VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM, tm = 10 s
≤ 5
pC
Method a: After environmental tests subgroup 1, Vini =
VIOTM, tini = 60 s;
ISOUSB211: Vpd(m) = 1.6 × VIORM, tm = 10 s
ISOUSB211B: Vpd(m) = 1.3 × VIORM, tm = 10 s
≤ 5
Method b1: At routine test (100% production) and
preconditioning (type test), Vini = VIOTM, tini = 1 s;
ISOUSB211: Vpd(m) = 1.875 × VIORM, tm = 1 s
ISOUSB211B: Vpd(m) = 1.5 × VIORM, tm = 1 s
≤ 5
CIO
Barrier capacitance, input to output(6)
VIO = 0.4 × sin (2 pft), f = 1 MHz
1.2
pF
RIO
Insulation resistance, input to output(6)
VIO = 500 V, TA = 25°C
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage, ISOUSB211
VTEST = VISO , t = 60 s (qualification); VTEST = 1.2 ×
VISO , t = 1 s (100% production)
5000
VRMS
Withstand isolation voltage, ISOUSB211B
3000
VRMS
(1)
Care must be taken during board design so that the mounting pads of the isolator on the printed-circuit board (PCB) do not reduce
creepage and clearance. Inserting grooves, ribs or both can help increase creepage distance on the PCB.
(2)
ISOUSB211 is suitable for safe electrical insulation and ISOUSB211B is suitable for basic electrical insulation only within the safety
ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier tied together creating a two-pin device.
www.ti.com
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com