Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB211DPR Datasheet(PDF) 8 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 4Page - Texas Instruments ISOUSB211DPR Datasheet HTML 5Page - Texas Instruments ISOUSB211DPR Datasheet HTML 6Page - Texas Instruments ISOUSB211DPR Datasheet HTML 7Page - Texas Instruments ISOUSB211DPR Datasheet HTML 8Page - Texas Instruments ISOUSB211DPR Datasheet HTML 9Page - Texas Instruments ISOUSB211DPR Datasheet HTML 10Page - Texas Instruments ISOUSB211DPR Datasheet HTML 11Page - Texas Instruments ISOUSB211DPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
61010-1, IEC 62368-1 and
IEC 60601-1
Recognized under
UL 1577 Component
Recognition Program
Certified according to
GB4943.1-2011
Certified according to
EN 61010-1:2010/A1:2019
and EN 62368-1:2014
Maximum transient
isolation voltage,
ISOUSB211: 7071 VPK
ISOUSB211B: 4242 VPK
Maximum repetitive peak
isolation voltage,
2121 VPK;
Maximum surge isolation
voltage,
ISOUSB211: 12800 VPK
(Reinforced)
ISOUSB211B: 6000 VPK
(Basic)
IEC 62368-1 2nd Ed.,
for pollution degree 2,
material group I
ISOUSB211: 800 VRMS
reinforced isolation
ISOUSB211B: 1000 VRMS
basic isolation
----------------
CSA 60601- 1:14 and IEC
60601-1 Ed. 3+A1
ISOUSB211: 2 MOPP
(Means of Patient
Protection) 250 VRMS (354
VPK) maximum working
voltage
Single protection,
ISOUSB211: 5000 VRMS
ISOUSB211B: 3000 VRMS
Reinforced insulation,
Altitude ≤ 5000 m, Tropical
Climate,
700 VRMS maximum
working voltage
EN 61010-1:2010/A1:2019
ISOUSB211: 600 VRMS
reinforced isolation
ISOUSB211B: 1000 VRMS
basic isolation
----------------
EN 62368-1:2014
ISOUSB211: 800 VRMS
reinforced isolation
ISOUSB211B: 1000 VRMS
basic isolation
Reinforced certificate:
40040142
Basic certificate:
40047657
Master contract: 220991
File number: E181974
Certificate:
CQC15001121716
Client ID: 77311
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DP-28 PACKAGE
IS
Safety input, output, or supply current
RθJA = 44.2°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
514
mA
RθJA = 44.2°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
785
mA
RθJA = 44.2°C/W, VI = 1.94 V, TJ = 150°C,
TA = 25°C
1457
mA
PS
Safety input, output, or total power
RθJA = 44.2°C/W, TJ = 150°C, TA = 25°C
2828
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com