Electronic Components Datasheet Search
  English  ▼

X  

LM5013 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5013
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5013 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5013 Datasheet HTML 15Page - Texas Instruments LM5013 Datasheet HTML 16Page - Texas Instruments LM5013 Datasheet HTML 17Page - Texas Instruments LM5013 Datasheet HTML 18Page - Texas Instruments LM5013 Datasheet HTML 19Page - Texas Instruments LM5013 Datasheet HTML 20Page - Texas Instruments LM5013 Datasheet HTML 21Page - Texas Instruments LM5013 Datasheet HTML 22Page - Texas Instruments LM5013 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
OUT
OUT
O
SW
L
IN(nom)
V
V
L
1
F
I
V
§
·
˜ ¨
¸
¨
¸
˜ '
©
¹
(12)
For applications in which the device must support input transients exceeding 72 V, select the inductor to be at
least 22 μH, which ensures that excessive current rise does not occur in the power stage due to the potential
large inductor current slew that can occur in an output short-circuit condition.
Choosing a 22-μH inductor in this design results in 1.36-A peak-to-peak ripple current at a nominal input voltage
of 48 V, equivalent to 39% of the 3.5-A rated load current. For designs which must operate up to the maximum
input voltage at the full-rated load current of 3.5 A, the inductance needs to increase to ensure current limit
(IPEAK current limit) is not hit.
Check the inductor data sheet to make sure the saturation current of the inductor is well above the current
limit setting of the LM5013. TI recommends a saturation current greater than 7 A. Ferrite-core inductors have
relatively lower core losses and are preferred at high switching frequencies, but exhibit a hard saturation
characteristic – the inductance collapses abruptly when the saturation current is exceeded. This collapse results
in an abrupt increase in inductor ripple current, higher output voltage ripple, and reduced efficiency, and in turn
compromising reliability. Note that inductor saturation current levels generally decrease as the core temperature
increases.
9.2.2.4 Schottky Diode (DSW)
The breakdown voltage rating of the diode is preferred to be 25% higher than the maximum input voltage. In the
target application, the power rating for the diode must exceed the maximum DC output current and support the
peak current limit (IPEAK current limit) for best reliability in most applications.
9.2.2.5 Output Capacitor (COUT)
Select a ceramic output capacitor to limit the capacitive voltage ripple at the converter output, which is the
sinusoidal ripple voltage that is generated from the triangular inductor current ripple flowing into and out of the
capacitor. Select an output capacitance using Equation 13 to limit the voltage ripple component to 0.5% of the
output voltage.
L
OUT
SW
OUT(ripple)
I
C
8 F
V
'
t
˜
˜
(13)
Substituting ΔIL(nom) of 1.36 A gives COUT greater than 10 μF. With voltage coefficients of ceramic capacitors
taken in consideration, a 22-µF, 25-V rated capacitor with X7R dielectric is selected.
9.2.2.6 Input Capacitor (CIN)
An input capacitor is necessary to limit the input ripple voltage while providing AC current to the buck power
stage at every switching cycle. To minimize the parasitic inductance in the switching loop, position the input
capacitors as close as possible to the VIN and GND pins of the LM5013. The input capacitors conduct a
square-wave current of peak-to-peak amplitude equal to the output current. The device follows that the resultant
capacitive component of AC ripple voltage is a triangular waveform.
Along with the ESR-related ripple component, use Equation 14 to calculate the peak-to-peak ripple voltage
amplitude.
OUT
IN(ripple)
OUT
ESR
SW
IN
I
D 1 D
V
I
R
F
C
˜
˜
˜
˜
(14)
Use Equation 15 to calculate the input capacitance required for a load current, based on an input voltage ripple
specification (ΔVIN).
www.ti.com
LM5013
SNVSCB3 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com