Electronic Components Datasheet Search
  English  ▼

X  

LM5013 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5013
Description  LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5013 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5013 Datasheet HTML 19Page - Texas Instruments LM5013 Datasheet HTML 20Page - Texas Instruments LM5013 Datasheet HTML 21Page - Texas Instruments LM5013 Datasheet HTML 22Page - Texas Instruments LM5013 Datasheet HTML 23Page - Texas Instruments LM5013 Datasheet HTML 24Page - Texas Instruments LM5013 Datasheet HTML 25Page - Texas Instruments LM5013 Datasheet HTML 26Page - Texas Instruments LM5013 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
9.3 Power Supply Recommendations
The LM5013 buck converter is designed to operate from a wide input voltage range between 6 V and 100 V. In
addition, the input supply must be capable of delivering the required input current to the fully-loaded regulator.
Use Equation 19 to estimate the average input current.
K
˜
˜
IN
OUT
OUT
IN
V
I
V
I
(19)
where
• η is the efficiency.
If the converter is connected to an input supply through long wires or PCB traces with a large impedance,
take special care to achieve stable performance. The parasitic inductance and resistance of the input cables
can have an adverse effect on converter operation. The parasitic inductance in combination with the low-ESR
ceramic input capacitors form an underdamped resonant circuit. This circuit can cause overvoltage transients
at VIN each time the input supply is cycled ON and OFF. The parasitic resistance causes the input voltage to
dip during a load transient. If the converter is operating close to the minimum input voltage, this dip can cause
false UVLO fault triggering and a system reset, in addition to potential stability issues. The circuit can be damped
with a "parallel damping network." For example, a 22-μF damping capacitor in series with a 1.4-Ω resistor
connected to the VIN node, creates a parallel damped network, providing sufficient damping for a 8.2-μH input
filter inductor and 4.4-μF ceramic input capacitance. Damping is not only needed for an input EMC filter, but also
when the application utilizes a power harness, which can present a large input loop inductance. For example,
two cables (one for VIN and one for GND), each one meter (approximately three feet) long with approximately
1-mm diameter (18 AWG), placed 1 cm (approximately 0.4 inch) apart forms a rectangular loop resulting in about
1.2 µH of inductance. The Input Filter Design for Switching Power Supplies application report provides more
detail on this topic.
An EMI input filter is often used in front of the regulator that, unless carefully designed, can lead to instability as
well as some of the effects mentioned above. The Simple Success with Conducted EMI for DC-DC Converters
application report provides helpful suggestions when designing an input filter for any switching regulator.
9.4 Layout
9.4.1 Layout Guidelines
PCB layout is a critical portion of good power supply design. There are several paths that conduct high slew-rate
currents or voltages that can interact with stray inductance or parasitic capacitance to generate noise and EMI or
degrade the power supply performance.
• To help eliminate these problems, bypass the VIN pin to GND with a low-ESR ceramic bypass capacitor with
a high-quality dielectric. Place CIN as close as possible to the VIN and GND pins. Grounding for both the
input and output capacitors must consist of localized top-side planes that connect to the GND pin and GND
PAD.
• Minimize the loop area formed by the input capacitor connections to the VIN and GND pins.
• Place the inductor and Schottky diode close to the SW pin. Minimize the area of the SW trace or plane to
prevent excessive capacitive coupling.
• Place the Schottky diode anode pin in close proximity to input capacitor ground or return.
• Tie the GND pin directly to the power pad under the device and to a heat-sinking PCB ground plane.
• Use a ground plane in one of the middle layers as a noise shielding and heat dissipation path.
• Have a single-point ground connection to the plane. Route the ground connections for the feedback, soft
start, and enable components to the ground plane, which prevents any switched or load currents from flowing
in analog ground traces. If not properly handled, poor grounding results in degraded load regulation or erratic
output voltage ripple behavior.
• Make VIN, VOUT, and ground bus connections as wide as possible, which reduces any voltage drops on the
input or output paths of the converter and maximizes efficiency.
www.ti.com
LM5013
SNVSCB3 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com