Electronic Components Datasheet Search
  English  ▼

X  

OPA205 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA205
Description  OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA205 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA205 Datasheet HTML 9Page - Texas Instruments OPA205 Datasheet HTML 10Page - Texas Instruments OPA205 Datasheet HTML 11Page - Texas Instruments OPA205 Datasheet HTML 12Page - Texas Instruments OPA205 Datasheet HTML 13Page - Texas Instruments OPA205 Datasheet HTML 14Page - Texas Instruments OPA205 Datasheet HTML 15Page - Texas Instruments OPA205 Datasheet HTML 16Page - Texas Instruments OPA205 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Common-mode Voltage (V)
12.5
13
13.5
14
-5
0
5
10
15
Figure 6-13. Offset Voltage vs Vcm at High Supply
Frequency (Hz)
-20
-120
0
-80
20
-40
40
0
60
40
80
80
100
120
120
160
140
200
160
240
100m
1
10
100
1k
10k
100k
1M
10M
Gain
Phase
Figure 6-14. Open-Loop Gain and Phase vs Frequency
Swing from the Rail (V)
0.09
0.1
0.11
0.12
0.13
0.14
0.15
60
80
100
120
140
160
180
1000
100
10
1
0.1
0.01
0.001
Figure 6-15. Open-Loop Gain vs Swing from the Rail
Temperature (°C)
-50
-25
0
25
50
75
100
125
120
130
140
150
160
170
180
1
0.1
0.01
0.001
RL = 2 kohm
RL = 10 kohm
Figure 6-16. Open-Loop Gain vs Temperature
Frequency (Hz)
-30
-20
-10
0
10
20
30
40
50
100
1k
10k
100k
1M
10M
Gain = +1
Gain = –1
Gain = +10
Gain = +100
Figure 6-17. Closed-Loop Gain vs Frequency
Input Bias Current (pA)
0
4
8
12
16
20
24
-500
-250
0
250
500
Figure 6-18. Input Bias Production Distribution
www.ti.com
OPA205, OPA2205
SBOS962D – APRIL 2020 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA205 OPA2205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com