Electronic Components Datasheet Search
  English  ▼

X  

OPA205 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA205
Description  OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA205 Datasheet(HTML) 3 Page - Texas Instruments

  OPA205 Datasheet HTML 1Page - Texas Instruments OPA205 Datasheet HTML 2Page - Texas Instruments OPA205 Datasheet HTML 3Page - Texas Instruments OPA205 Datasheet HTML 4Page - Texas Instruments OPA205 Datasheet HTML 5Page - Texas Instruments OPA205 Datasheet HTML 6Page - Texas Instruments OPA205 Datasheet HTML 7Page - Texas Instruments OPA205 Datasheet HTML 8Page - Texas Instruments OPA205 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
Not to scale
Figure 5-1. OPA205 D (8-Pin SOIC) Package, Top View
Table 5-1. Pin Functions: OPA205
PIN
TYPE
DESCRIPTION
NAME
NO.
+IN
3
Input
Noninverting input
–IN
2
Input
Inverting input
NC
1, 5, 8
—
No internal connection (can be left floating)
OUT
6
Output
Output
V+
7
—
Positive (highest) power supply
V–
4
—
Negative (lowest) power supply
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 5-2. OPA2205 DGK (8-Pin VSSOP) Package, Top View
Table 5-2. Pin Functions: OPA2205
PIN
TYPE
DESCRIPTION
NAME
NO.
+IN A
3
Input
Noninverting input, channel A
–IN A
2
Input
Inverting input, channel A
+IN B
5
Input
Noninverting input, channel B
–IN B
6
Input
Inverting input, channel B
OUT A
1
Output
Output, channel A
OUT B
7
Output
Output, channel B
V+
8
—
Positive (highest) power supply
V–
4
—
Negative (lowest) power supply
www.ti.com
OPA205, OPA2205
SBOS962D – APRIL 2020 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA205 OPA2205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com