Electronic Components Datasheet Search
  English  ▼

X  

OPA205 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA205
Description  OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA205 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA205 Datasheet HTML 19Page - Texas Instruments OPA205 Datasheet HTML 20Page - Texas Instruments OPA205 Datasheet HTML 21Page - Texas Instruments OPA205 Datasheet HTML 22Page - Texas Instruments OPA205 Datasheet HTML 23Page - Texas Instruments OPA205 Datasheet HTML 24Page - Texas Instruments OPA205 Datasheet HTML 25Page - Texas Instruments OPA205 Datasheet HTML 26Page - Texas Instruments OPA205 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx205 are unity-gain stable operational amplifiers with very low offset voltage, offset voltage drift, voltage
noise, current noise and power consumption. These features make this device family a great choice for a variety
of space-constrained and power-constrained systems.
9.2 Typical Applications
9.2.1 High-Precision Signal-Chain Input Buffer
A common application for the OPAx205 is an input buffer for the signal chain of a data acquisition (DAQ) or
field instrumentation system. This amplifier family is selected because of the low offset and drift that maintain
system accuracy across a variety of operating conditions. The low power consumption of the OPAx205 enables
the device to be used in battery-operated or high-density applications, where thermal dissipation is difficult. The
low 1/f (flicker) noise and broadband noise allow for higher-accuracy signal chains, such as those using a 24-bit
delta-sigma analog-to-digital converter (ADC). If a higher sampling rate is needed, the OPAx205 can be paired
with a fully differential amplifier, such as the THP210, to drive the ADC inputs. Figure 9-1 shows the OPA2205
configured as an input buffer to a differential ADC driver.
+
±
+7 V
2.4 k
OPA2205
í7 V
+
±
+7 V
OPA2205
í7 V
2.4 k
+
±
+7 V
THP210
í7 V
1.1 nF
3 k
3 k
IN+
INí
470 pF
470 pF
750
750
100
100
1 nF
VOUT
Figure 9-1. OPA2205 Configured as a DAQ Input Buffer
www.ti.com
OPA205, OPA2205
SBOS962D – APRIL 2020 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA205 OPA2205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com