Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2863 Datasheet HTML 7Page - Texas Instruments OPA2863 Datasheet HTML 8Page - Texas Instruments OPA2863 Datasheet HTML 9Page - Texas Instruments OPA2863 Datasheet HTML 10Page - Texas Instruments OPA2863 Datasheet HTML 11Page - Texas Instruments OPA2863 Datasheet HTML 12Page - Texas Instruments OPA2863 Datasheet HTML 13Page - Texas Instruments OPA2863 Datasheet HTML 14Page - Texas Instruments OPA2863 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
7.8 Electrical Characteristics: VS = 3 V
at VS+ = 3 V, VS– = 0 V, G = 1, RF = 0 Ω for G =1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ connected to
1 V, input and output VCM = 1 V, and TA ≅ 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1
97
MHz
GBWP
Gain-bandwidth product
50
MHz
LSBW
Large-signal bandwidth
VOUT = 1 VPP
26
MHz
Bandwidth for 0.1-dB flatness
VOUT = 20 mVPP
10
MHz
SR
Slew rate
VOUT = 1–V step, Gain = –1
105
V/µs
Rise, fall time
VOUT = 200–mV step
10
ns
Settling time to 0.1%
VOUT = 1–V step
58
ns
Settling time to 0.01%
90
Overshoot
VOUT = 1–V step
2
%
Undershoot
16
Overdrive recovery time
G = –1, 0.5V overdrive beyond supplies
95
ns
G = 1, 0.5V overdrive beyond supplies
100
HD2
Second-order harmonic distortion
f = 20 kHz, VOUT = 1 VPP
–123
dBc
HD3
Third-order harmonic distortion
–132
HD2
Second-order harmonic distortion
f = 100 kHz, VOUT = 1 VPP
–109
dBc
HD3
Third-order harmonic distortion
–129
eN
Input voltage noise
Flatband, 1/f corner at 25 Hz
6
nV/√Hz
iN
Input current noise
Flatband, 1/f corner at 2 kHz
0.4
pA/√Hz
Closed-loop output impedance
f = 1 MHz
0.2
Ω
Channel-to-channel crosstalk
f = 1 MHz, VOUT = 1 VPP
–127
dBc
DC PERFORMANCE
AOL
Open-loop voltage gain
VOUT = 1 V to 2 V
104
123
dB
VOS
Input-referred offset voltage
–1.3
±0.4
1.3
mV
Input offset voltage drift
TA = –40°C to +125°C, D, RUN and DGK
packages
–3.5
±1
3.5
uV/°C
TA = 0°C to +85°C, DBV package
–4.4
±1
4.4
TA = –40°C to +125°C, DBV package
–5
±1
5
Input bias current
TA ≅ 25°C
0.3
0.73
µA
TA = –40°C to +85°C
1.2
TA = –40°C to +125°C
1.56
Input bias current drift
TA = –40°C to +125°C
±3
7.4
nA/°C
Input offset current
-30
±10
30
nA
INPUT
Input common-mode voltage range
VS––0.2
VS++0.2
V
CMRR
Common-mode rejection ratio
VCM = VS– – 0.2 V to VS+ – 1.6 V
94
115
dB
Input impedance common-mode
360 || 0.9
MΩ || pF
Input impedance differential mode
200 || 0.5
kΩ || pF
OUTPUT
VOL
Output voltage, low
TA ≅ 25°C
VS–+ 0.13
VS–+ 0.15
V
TA = –40°C to +125°C
VS–+ 0.13
VS–+ 0.16
VOH
Output voltage, high
TA ≅ 25°C
VS+–0.15
VS+–0.13
V
TA = –40°C to +125°C
VS+–0.15
VS+–0.13
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com