Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2863 Datasheet HTML 17Page - Texas Instruments OPA2863 Datasheet HTML 18Page - Texas Instruments OPA2863 Datasheet HTML 19Page - Texas Instruments OPA2863 Datasheet HTML 20Page - Texas Instruments OPA2863 Datasheet HTML 21Page - Texas Instruments OPA2863 Datasheet HTML 22Page - Texas Instruments OPA2863 Datasheet HTML 23Page - Texas Instruments OPA2863 Datasheet HTML 24Page - Texas Instruments OPA2863 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
7.11 Typical Characteristics: VS = 3 V to 10 V (continued)
at VOUT = 2 VPP, RF = 0 Ω for Gain = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA ≅ 25°C (unless otherwise noted)
Frequency (Hz)
0
20
40
60
80
100
1
10
100
1k
10k
100k
1M
10M
100M
.
Figure 7-49. Open-Loop Output Impedance vs Frequency
Frequency (Hz)
-15
-90
0
-60
15
-30
30
0
45
30
60
60
75
90
90
120
105
150
120
180
135
210
1
10
100
1k
10k
100k
1M
10M
100M
Magnitude
Phase
Small-signal response
Figure 7-50. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
1k
10k
100k
1M
10M
HD2, VS = 10 V
HD3, VS = 10 V
HD2, VS = 5 V
HD3, VS = 5 V
VOUT = 2 VPP
Figure 7-51. Harmonic Distortion vs Supply Voltage
Frequency(Hz)
-140
-120
-100
-80
-60
-40
-20
100k
1M
10M
100M
Ch-A to Ch-B
Ch-B to Ch-A
DGK package
Figure 7-52. Crosstalk vs Frequency
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com